Electronic Components Datasheet Search
  English  ▼

X  

BTA25600B Datasheet(PDF) 6 Page - STMicroelectronics

Part # BTA25600B
Description  800 V and 600 V, 25 A standard Triacs in RD91 package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA25600B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button BTA25600B Datasheet HTML 2Page - STMicroelectronics BTA25600B Datasheet HTML 3Page - STMicroelectronics BTA25600B Datasheet HTML 4Page - STMicroelectronics BTA25600B Datasheet HTML 5Page - STMicroelectronics BTA25600B Datasheet HTML 6Page - STMicroelectronics BTA25600B Datasheet HTML 7Page - STMicroelectronics BTA25600B Datasheet HTML 8Page - STMicroelectronics BTA25600B Datasheet HTML 9Page - STMicroelectronics BTA25600B Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
RD91 package information
•
Epoxy meets UL94, V0
•
Cooling method: Conduction
•
Recommended torque: 0.9 to 1.2 N·m
Figure 11. RD91 package outline
A
E 3
N2
N1
B
F
I
A1
B 1
L1
A2
L2
B 2
C
C2
C1
E
BTA25
Package information
DS13703 - Rev 1
page 6/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com