Electronic Components Datasheet Search
  English  ▼

X  

BTA25600BW Datasheet(PDF) 4 Page - STMicroelectronics

Part # BTA25600BW
Description  800 V and 600 V, 25 A standard Triacs in RD91 package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA25600BW Datasheet(HTML) 4 Page - STMicroelectronics

  BTA25600BW Datasheet HTML 1Page - STMicroelectronics BTA25600BW Datasheet HTML 2Page - STMicroelectronics BTA25600BW Datasheet HTML 3Page - STMicroelectronics BTA25600BW Datasheet HTML 4Page - STMicroelectronics BTA25600BW Datasheet HTML 5Page - STMicroelectronics BTA25600BW Datasheet HTML 6Page - STMicroelectronics BTA25600BW Datasheet HTML 7Page - STMicroelectronics BTA25600BW Datasheet HTML 8Page - STMicroelectronics BTA25600BW Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
1.1
Characteristics (curves)
Figure 1. Maximum power dissipation versus on-state
RMS current (full cycle)
P(W)
0
5
10
15
20
25
30
0
5
10
15
20
25
T(RMS)
I
(A)
Figure 2. RMS on-state current versus case temperature
(full cycle)
0
5
10
15
20
25
30
0
25
50
75
100
125
IT(RMS) (A)
BTA25
TC (°C)
Figure 3. Relative variation of thermal impedance versus
pulse duration
1.E-01
1.E+00
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
K=[Zth/Rth]
tp(s)
Zth(j-c)
Figure 4. On-state characteristics (maximum values)
1
10
100
1000
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
1.0
ITM(A)
VTM (V)
Tj = 25°C.
T max.
V = 0.85V
j
to
R = 16 m
d
Ω
j
T = 125 °C
Figure 5. Surge peak on-state current versus number of
cycles
0
50
100
150
200
250
300
1
10
100
1000
ITSM (A)
Number of cycles
t=20ms
One cycle
Non repetitive
Tj initial=25°C
Repetitive
TC= 100 °C
Figure 6. Non-repetitive surge peak on-state current for a
sinusoidal pulse with width tP < 10 ms
100
1000
10000
0.01
0.10
1.00
10.00
ITSM(A)
tp(ms)
j
T initial=25 °C
I
ITSM
dI/dt limitation:
50A/µs
BTA25
Characteristics (curves)
DS13703 - Rev 1
page 4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com