Electronic Components Datasheet Search
  English  ▼

X  

M95M02-DR Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95M02-DR
Description  2-Mbit serial SPI bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M02-DR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95M02-DR Datasheet HTML 6Page - STMicroelectronics M95M02-DR Datasheet HTML 7Page - STMicroelectronics M95M02-DR Datasheet HTML 8Page - STMicroelectronics M95M02-DR Datasheet HTML 9Page - STMicroelectronics M95M02-DR Datasheet HTML 10Page - STMicroelectronics M95M02-DR Datasheet HTML 11Page - STMicroelectronics M95M02-DR Datasheet HTML 12Page - STMicroelectronics M95M02-DR Datasheet HTML 13Page - STMicroelectronics M95M02-DR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
5.4
Status register
The status register contains a number of status and control bits that can be read or set (as appropriate) by
specific instructions. See Section 6.3 Read status register (RDSR) for a detailed description of the status register
bits.
5.5
Data protection and protocol control
The device features the following data protection mechanisms:
•
Before accepting the execution of the write and write status register instructions, the device checks
whether the number of clock pulses comprised in the instructions is a multiple of eight.
•
All instructions that modify data must be preceded by a write enable (WREN) instruction to set the write
enable latch (WEL) bit.
•
The block protect (BP1, BP0) bits in the status register are used to configure part of the memory as
read-only.
•
The write protect (W) signal is used to protect the block protect (BP1, BP0) bits in the status register.
For any instruction to be accepted, and executed, chip select (S) must be driven high after the rising edge of
serial clock (C) for the last bit of the instruction, and before the next rising edge of serial clock (C).
Two points to note in the previous sentence:
•
The “last bit of the instruction” can be the eighth bit of the instruction code, or the eighth bit of a data byte,
depending on the instruction (except for read status register (RDSR) and read (READ) instructions).
•
The “next rising edge of serial clock (C)” might (or might not) be the next bus transaction for some other
device on the SPI bus.
Table 3. Write-protected block size
Status register bits
Protected block
Protected array addresses
BP1
BP0
0
0
None
None
0
1
Upper quarter
30000h - 3FFFFh
1
0
Upper half
20000h - 3FFFFh
1
1
Whole memory
00000h - 3FFFFh
M95M02-DR M95M02-DF
Status register
DS7024 - Rev 13
page 10/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com