Electronic Components Datasheet Search
  English  ▼

X  

EPC3129-2 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPC3129-2
Description  Flyback Power Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPC3129-2 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPC3129-2 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Flyback Power Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
EPC3129-X
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSC3129-X
Rev. 1
4/9/03 FT
Package
Voltage
(Vdc)
Primary
OCL
(µH ± 10%)
876
1000
@ 10 KHz,
0.1 Vrms
TOP244Y
TOP243P
Chipset
120-375
120-375
V in
12
5
V out
1
Current
(Amp.)
• Note : “N” means Not Required/No Connections •
PCA
Part
Number
EPC3129-1
EPC3129-2
Schematic A
1
3
4
56
7
9
10
V in Pri.
Sec. 3
(Fb/Bias)
Sec. 1
Sec. 2
Schematic B
N
3.3
V out
2
15
15
V out
3
2.5
0.9
Sec.
1
N
1.5
Sec.
2
.05
.05
Sec.
3
A
B
Schematic
Dielectric Rating
(Vrms)
Between Sec. Wdg’s to Core
1 sec. 4500 or 60 sec. 3750
Pri. to all Sec. Wdg’s & Core
1 sec. 4500 or 60 sec. 3750
Between Pri. Wdg & Bias
1 sec. 1500
---
30
V out
4
---
.03
Sec.
4
1
3
4
5
6
7
9
10
Pri.
Sec. 3
(Fb/Bias)
Sec. 4
Sec. 2
Sec. 1
* Shield is optional
1.130
(28.80)
.846
Max.
(21.50)
.138
(3.50)
.028 Sq.
(.700)
.197
(5.00)
.197
(5.00)
.051
(1.30)
.787
(20.00)
Suggested
Layout
1.130
(28.80)
.787
Typ.
(20.00)
PCA
EPC3129-X
D.C.
• Used in SMPS Flyback Topology
• Designed for use with Power Integration Chip
• Reinforced Insulation (Triple Insulated Wire)
• UL 94V-0 Recognized Components
• UL 1446 Class F Insulation System
• Very Low Core Loss
• Switching Frequency : 132 KHz • Isolation : 4500 Vrms •


Similar Part No. - EPC3129-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3126-1 PCA-EPC3126-1 Datasheet
16Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
EPC3126-1 PCA-EPC3126-1 Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
EPC3126-1-LF PCA-EPC3126-1-LF Datasheet
17Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
EPC3126-2 PCA-EPC3126-2 Datasheet
16Kb / 1P
Stand-Off Type Low Power Push-Pull Transformers
More results

Similar Description - EPC3129-2

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPC3127-X PCA-EPC3127-X Datasheet
46Kb / 1P
Flyback Power Transformer
EPC3166-1 PCA-EPC3166-1 Datasheet
46Kb / 1P
Flyback Power Transformer
EPC3168G-1 PCA-EPC3168G-1 Datasheet
27Kb / 1P
Flyback Power Transformer
EPC3169-3 PCA-EPC3169-3 Datasheet
45Kb / 1P
Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_08 Datasheet
25Kb / 1P
Flyback Power Transformer
EPC3127-X PCA-EPC3127-X_07 Datasheet
26Kb / 1P
Flyback Power Transformer
EPC3130-X PCA-EPC3130-X_15 Datasheet
25Kb / 1P
Flyback Power Transformer
EPC3132-XA PCA-EPC3132-XA_15 Datasheet
45Kb / 1P
Flyback Power Transformer
EPC3166-X PCA-EPC3166-X_15 Datasheet
46Kb / 1P
Flyback Power Transformer
EPC3169-X PCA-EPC3169-X_15 Datasheet
45Kb / 1P
Flyback Power Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com