Electronic Components Datasheet Search
  English  ▼

X  

CMDA43 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # CMDA43
Description  Power LED (1watt) Technical Datasheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

CMDA43 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  CMDA43 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Americas
Europe
147 Central Avenue
Robert Bunsen Str. 1
Hackensack, NJ 07601
D-67098 Bad Durkheim
(201) 489-8989
+49 (6322) 9567-0
www.cml-it.com
www.cml-it.com
CMDA43xx15D13L Series on Star PCB
CMDA44xx15D13L Series on Square PCB
Power LED (1watt)
Technical Datasheet
CMDA43 and CMDA44 Power series is designed for high current operation and high flux
output applications. Its thermal management characteristic are better than other LED
solutions due to the SMD package design and good thermal emission material.
With these design advantages, it enables the Power LED to be applied in various lighting
applications and design solution, automotive, architectural lighting, and large size LCD
backlight etc.
Features
• Super high Flux output and high
Luminance
• Designed for high current
operation
• Low thermal resistance
• SMT solderbility
• Lead Free product
• RoHS compliant
Application
• Mobile phone flash
• Automotive interior / exterior lighting
• Automotive signal lighting
• Automotive forward lighting
• General Lighting (Torch)
• Architectural lighting
• LCD TV / Monitor Backlight
• Projector light source
• Traffic Signals
• Task lighting
• Decorative / Pathway lighting
• Remote / Solar powered lighting
• Household appliances
1


Similar Part No. - CMDA43

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
CMDA42 CML-CMDA42 Datasheet
483Kb / 1P
Power LED (1watt) Technical Datasheet
CMDA42AG15D13L CML-CMDA42AG15D13L Datasheet
483Kb / 1P
Power LED (1watt) Technical Datasheet
CMDA42AR15D13L CML-CMDA42AR15D13L Datasheet
483Kb / 1P
Power LED (1watt) Technical Datasheet
CMDA42CB15D13L CML-CMDA42CB15D13L Datasheet
483Kb / 1P
Power LED (1watt) Technical Datasheet
CMDA42CW15D13L CML-CMDA42CW15D13L Datasheet
483Kb / 1P
Power LED (1watt) Technical Datasheet
More results

Similar Description - CMDA43

ManufacturerPart #DatasheetDescription
logo
Formosa MS
Z110 FORMOSA-Z110 Datasheet
54Kb / 2P
1WATT ZENER DIODE
logo
Chicago Miniature Lamp,...
CMDA42 CML-CMDA42 Datasheet
483Kb / 1P
Power LED (1watt) Technical Datasheet
CMDA49XX15D13L CML-CMDA49XX15D13L Datasheet
416Kb / 1P
Power LED (2.5 Watt) Technical Datasheet
logo
Seoul Semiconductor
F10390 SEOUL-F10390 Datasheet
432Kb / 21P
Power LED TECHNICAL DATA
logo
Everlight Electronics C...
30-01-R5C-AQSC EVERLIGHT-30-01-R5C-AQSC Datasheet
111Kb / 6P
Technical Data Sheet POWER LED
logo
Frontier Electronics.
ZUL10-200B FRONTIER-ZUL10-200B Datasheet
119Kb / 2P
1WATT ZENER DIODE
ZUL10-400B FRONTIER-ZUL10-400B Datasheet
119Kb / 2P
1WATT ZENER DIODE
logo
List of Unclassifed Man...
CRM200 ETC2-CRM200 Datasheet
2Mb / 36P
Precision Navigation and Pointing Gyroscope CRM200 Technical Datasheet
logo
AIMTEC
AME1-AZ AIMTEC-AME1-AZ_16 Datasheet
163Kb / 3P
1Watt | AC-DC Converter
logo
Melexis Microelectronic...
DEMO90121LR MELEXIS-DEMO90121LR Datasheet
1Mb / 19P
Output power of 1Watt
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com