Electronic Components Datasheet Search
  English  ▼

X  

2664AM Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2664AM
Description  HIGH FREQUENCY MAGNETICS T1/E1 Single THT Shielded Hardened Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2664AM Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2664AM Datasheet HTML 1Page - Bel Fuse Inc. 2664AM Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2000 Bel Fuse Inc.
Specifications subject to change without notice. 09.00
TM00122
T1-49
T1/E1 Single THT Shielded Hardened Transformer
SCHEMATIC
ELECTRICAL SPECIFICATIONS at 25° C
•
Designed for T1 carrier applications at 1.544 Mbps
•
Typical application is to isolate telecom equipment
such as CSUs and office repeaters from the T1line
•
Maximum ac current rating is 140mA for winding (6 - 7)
and 280mA for winding (4 - 1)
•
Winding (4 - 1) is hardened to handle 6 amp current for
one second with no damage
•
Compatible with water-soluble flux, total-immersion
cleaning, and machine insertion
•
Shielded transformer reduces EMI
•
Designed for 100
Ω terminating impedances
•
Minimum interwinding breakdown voltage of 1000 Vrms
•
Meets IEC-695, 2-2 flammability requirements
•
Qualified per Bellcore TR-TSY-000357-1
Note: Noise suppression is improved by connecting
the shield, terminal 5, to equipment frame ground.
4
2
3
1
7
6
Primary
Secondary
S
5
CT
2664AM
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
*
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
c
e
S
:
i
r
P
i
r
P
c
e
S
M
A
4
6
6
2T
C
1
:
15
.
15
.
30
.
15
.
0
5
l
a
n
i
m
r
e
t
h
t
i
w
5
d
e
d
n
u
o
r
g
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
M
*


Similar Part No. - 2664AM

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2664AJ BEL-2664AJ Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2664AK BEL-2664AK Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2664AL BEL-2664AL Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
More results

Similar Description - 2664AM

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2662N BEL-2662N Datasheet
37Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformer
2741F2 BEL-2741F2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformer
2741J BEL-2741J Datasheet
56Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformer
2745AK2 BEL-2745AK2 Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformer
2745AL2 BEL-2745AL2 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformer
2745F BEL-2745F Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
S553-6500-A5 BEL-S553-6500-A5 Datasheet
65Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
S553-6500-A6 BEL-S553-6500-A6 Datasheet
34Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Dual Transformer
S553-6500-D4 BEL-S553-6500-D4 Datasheet
88Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Octal Transformer Modules
2771K BEL-2771K Datasheet
47Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Surface Mount Shielded Hardened Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com