Electronic Components Datasheet Search
  English  ▼

X  

2718AF2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2718AF2
Description  ADSL MAGNETICS Through Hole Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2718AF2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2718AF2 Datasheet HTML 1Page - Bel Fuse Inc. 2718AF2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
ADSL MAGNETICS
©1999 Bel Fuse Inc. Specifications subject to change without notice. 06.99
TM9957
T514
Through Hole Transformers
SCHEMATICS
ELECTRICAL SPECIFICATIONS at 25° C
•
2718AF2 and 2718AH2 operate over the frequency
range from 1kHz to 1.1MHz
•
2718BK2 operates over the frequency range from
500Hz to 1.1MHz
•
Designed for broadband applications
•
Minimum interwinding breakdown voltage of 1500 Vrms
•
Qualified per Bellcore TR-TSY-000357-1
‘S’ denotes an
electrostatic shield.
2718AF2
2718AH2
2718BK2
1
10
2
9
4
7
5
6
Primary
Secondary
S
8
1
10
2
9
4
7
5
6
Primary
Secondary
1
3
2
4
10
8
9
7
Primary
Secondary
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
3
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
s
s
o
L
n
o
i
t
r
e
s
n
I
p
y
t
B
d
y
c
n
e
u
q
e
r
F
e
s
n
o
p
s
e
R
B
d
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
c
e
S
:
i
r
P
i
r
P
c
e
S
z
H
k
1
z
H
M
1
2
F
A
8
1
7
20
.
1
:
0
.
15
.
5
20
8
.
20
3
.
20
2
.
00
5
.
00
5
.
0*
0
.
7
2
H
A
8
1
7
20
.
1
:
0
.
15
.
5
20
8
.
20
3
.
20
2
.
00
5
.
00
5
.
00
.
0
1
2
K
B
8
1
7
20
.
1
:
0
.
10
.
1
10
5
.
10
5
.
1A
/
NA
/
NA
/
N0
3
d
e
d
n
u
o
r
g
8
l
a
n
i
m
r
e
T
*


Similar Part No. - 2718AF2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2718 ETC-2718 Datasheet
111Kb / 1P
Heyco짰 Double D Hole Plugs
logo
PHOENIX CONTACT
2718015 PHOENIX-2718015 Datasheet
157Kb / 6P
VIOK 1,5
logo
Integrated Technology F...
271801B ITF-271801B Datasheet
194Kb / 5P
SAW Bandpass Filter
logo
PHOENIX CONTACT
2718028 PHOENIX-2718028 Datasheet
144Kb / 5P
VIOK 1,5-LA 24RD/O-MO
logo
Integrated Technology F...
271802B ITF-271802B Datasheet
194Kb / 5P
SAW Bandpass Filter
2007-08-16
More results

Similar Description - 2718AF2

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP016DI ALLIED-AEP016DI Datasheet
351Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP025DI ALLIED-AEP025DI Datasheet
372Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP026DI ALLIED-AEP026DI Datasheet
353Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP028DI ALLIED-AEP028DI Datasheet
436Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP034DI ALLIED-AEP034DI Datasheet
403Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP109DI ALLIED-AEP109DI Datasheet
481Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP132DI ALLIED-AEP132DI Datasheet
385Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP162DI ALLIED-AEP162DI Datasheet
367Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
Dongguan Xinkang Electr...
TDA002 TNK-TDA002 Datasheet
143Kb / 1P
ADSL Line Transformer Through Hole Magnetics
TDA082 TNK-TDA082 Datasheet
117Kb / 1P
ADSL Line Transformer Through Hole Magnetics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com