Electronic Components Datasheet Search
  English  ▼

X  

2741F2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2741F2
Description  HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2741F2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2741F2 Datasheet HTML 1Page - Bel Fuse Inc. 2741F2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00126
T1-59
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
2741F2
HIGH FREQUENCY MAGNETICS
T1/E1 Through Hole Hardened Transformer
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
n
i
M
H
m
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
x
a
m
H
µ
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
m
u
m
i
n
i
M
g
n
i
d
n
i
w
r
e
t
n
I
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
s
m
r
V
)
1
-
4
(
:
)
7
-
6
(
3
)
7
-
6
(
)
7
-
6
(
)
1
-
4
(
3
)
7
-
6
(
n
e
e
w
t
e
b
)
1
-
3
(
)
2
-
4
(
d
n
a
)
7
-
6
(
2
F
1
4
7
2T
C
1
:
11
.
12
7
.
05
4
.
05
.
38
10
5
8
c
a
V
1
.
0
,
z
H
0
1
t
a
d
e
r
u
s
a
e
m
.
1
c
a
V
1
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
2
3
&
2
t
c
e
n
n
o
c
.
3
•
Operating temperature range: -40° C to +85° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
•
Operates at the T1 rate of 1.544 Mb/s and the E1 rate of
2.048 Mb/s
•
Winding (4-1) is hardened to handle a 6A surge current
for 1 second
•
Winding (4-1) is designed to handle simplex-feed
remote powering current
•
Maximum inductance unbalance of center-tapped
winding is 0.1%
6
7
4
2
3
1
1 : 1
CT


Similar Part No. - 2741F2

ManufacturerPart #DatasheetDescription
logo
Heyco.
2741 HEYCO-2741 Datasheet
105Kb / 1P
Dome Plugs
logo
Kemet Corporation
2741 KEMET-2741 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Presto International UK...
27410 PRESTO-27410 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
27411 PRESTO-27411 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
Mounting plate, short
More results

Similar Description - 2741F2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2662N BEL-2662N Datasheet
37Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformer
2741E2 BEL-2741E2 Datasheet
39Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
2741J BEL-2741J Datasheet
56Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformer
2741R2 BEL-2741R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Magnetics
2745AG2 BEL-2745AG2 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
2745AK2 BEL-2745AK2 Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformer
2745AL2 BEL-2745AL2 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformer
2745B BEL-2745B Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
2745F BEL-2745F Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2745AH BEL-2745AH Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com