Electronic Components Datasheet Search
  English  ▼

X  

2741P2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2741P2
Description  HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2741P2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2741P2 Datasheet HTML 1Page - Bel Fuse Inc. 2741P2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00105
T1-11
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
•
Operates as high frequency pulse transformer or as
high frequency analog transformer in various
telecom circuits requiring very high voltage step-up
ratio
•
Interwinding Electrostatic Shield provides low
capacitance and high EMI suppression
•
Electrical equivalents: 2664F, 2779A
HIGH FREQUENCY MAGNETICS
Specialty Through Hole Shielded Transformer
2741P2
•
Operating temperature range: -40° C to +85° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
8
3
CT
4
7
6
1 : 25
1
CT
5
2
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
1
±
e
c
n
a
t
c
u
d
n
I
2
n
i
M
H
µ
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
µx
a
m
H
e
c
n
a
t
i
c
a
p
a
C
g
n
i
d
n
i
w
r
e
t
n
I
x
a
m
F
p
m
u
m
i
n
i
M
g
n
i
d
n
i
w
r
e
t
n
I
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
s
m
r
V
)
1
-
2
(
:
)
7
-
3
(
1
)
5
-
2
(
)
1
-
2
(
)
7
-
4
(
)
8
-
3
(
3
)
7
-
3
(
1
6
o
t
)
8
-
3
(
4
6
o
t
)
7
-
4
(
4
)
1
-
2
(
:
)
7
-
3
(
5
2
P
1
4
7
2T
C
5
2
:
T
C
10
0
32
9
.
12
.
05
5
5
0
0
5
8
o
t
4
t
c
e
n
n
o
c
.
1
c
a
V
2
0
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
2
7
o
t
2
&
8
o
t
4
t
c
e
n
n
o
c
.
3
d
e
d
n
u
o
r
g
)
1
-
2
(
h
t
i
w
.
4
8
o
t
d
e
t
c
e
n
n
o
c
4
d
n
a
d
e
d
n
u
o
r
g
6
h
t
i
w
.
5


Similar Part No. - 2741P2

ManufacturerPart #DatasheetDescription
logo
Heyco.
2741 HEYCO-2741 Datasheet
105Kb / 1P
Dome Plugs
logo
Kemet Corporation
2741 KEMET-2741 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Presto International UK...
27410 PRESTO-27410 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
27411 PRESTO-27411 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
Mounting plate, short
More results

Similar Description - 2741P2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2664G BEL-2664G Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2741E2 BEL-2741E2 Datasheet
39Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
2741J BEL-2741J Datasheet
56Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformer
2741L2 BEL-2741L2 Datasheet
48Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
2741N2 BEL-2741N2 Datasheet
47Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Shielded Transformer
2745AK2 BEL-2745AK2 Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformer
2745R2 BEL-2745R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Through Hole Transformer
2779A BEL-2779A Datasheet
52Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Surface Mount Shielded Transformer
2779D BEL-2779D Datasheet
55Kb / 2P
HIGH FREQUENCY MAGNETICS Specialty Surface Mount Shielded Transformer
2745AH BEL-2745AH Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com