Electronic Components Datasheet Search
  English  ▼

X  

2741S Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2741S
Description  HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2741S Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2741S Datasheet HTML 1Page - Bel Fuse Inc. 2741S Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00114
T1-57
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATICS
•
Operate at the T1 rate of 1.544 Mb/s and the E1
rate of 2.084 Mb/s
•
Interwinding Electrostatic Shield provides low
capacitance and high EMI suppression
•
There is an internal connection to Terminal 8; do
not use
•
Minimum interwinding breakdown voltage of
2200 Vdc
HIGH FREQUENCY MAGNETICS
T1/E1 Through Hole Shielded Transformers
2741S
•
Operating temperature range: -40° C to +85° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
2741T
5
CT 6
7
S
4
3 CT
2
1
PRIMARY
SECONDARY
3
6
CT
2
7
1
5
4
S
PRIMARY
SECONDARY
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
e
c
n
a
t
c
u
d
n
I
1
n
i
M
H
m
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
2
x
a
m
H
µ
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
4
x
a
m
F
p
e
c
n
a
t
c
u
d
n
I
e
c
n
a
l
a
b
n
U
5
T
C
f
o
s
g
n
i
d
n
i
w
c
e
S
:
i
r
P
i
r
P
c
e
S
g
n
i
d
n
i
W
x
a
m
%
S
1
4
7
2T
C
2
:
T
C
15
1
.
33
.
28
.
58
.
65
.
7c
e
S
&
i
r
P2
.
0
T
1
4
7
25
7
3
.
1
:
T
C
1
3
2
9
.
0
3
1
.
1 3
7
.
16
.
1 3
83
i
r
P1
.
0
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
1
c
a
V
1
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
2
6
o
t
2
t
c
e
n
n
o
c
.
3
d
n
u
o
r
g
o
t
1
t
c
e
n
n
o
c
.
4
z
H
k
0
2
t
a
d
e
r
u
s
a
e
m
.
5


Similar Part No. - 2741S

ManufacturerPart #DatasheetDescription
logo
Heyco.
2741 HEYCO-2741 Datasheet
105Kb / 1P
Dome Plugs
logo
Kemet Corporation
2741 KEMET-2741 Datasheet
739Kb / 4P
For voltage balancing and/or discharge of electrolytic capacitors
logo
Presto International UK...
27410 PRESTO-27410 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
27411 PRESTO-27411 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
2741134 PHOENIX-2741134 Datasheet
46Kb / 2P
Mounting plate, short
More results

Similar Description - 2741S

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2662K BEL-2662K Datasheet
50Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2664AK BEL-2664AK Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2741B BEL-2741B Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2741H2 BEL-2741H2 Datasheet
31Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
2741J BEL-2741J Datasheet
56Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformer
2745AF BEL-2745AF Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745AJ2 BEL-2745AJ2 Datasheet
34Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745C BEL-2745C Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745F BEL-2745F Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com