Electronic Components Datasheet Search
  English  ▼

X  

2745AF Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2745AF
Description  HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2745AF Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2745AF Datasheet HTML 1Page - Bel Fuse Inc. 2745AF Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00118
T1-41
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
•
Operates as a line-interface pulse transformer in
DS1 and CEPT applications
•
Contains specific interwinding insulation to mini-
mize capacitance
•
Winding (3-2)(2-1) is highly balanced
•
Designed for automatic machine placement into
printed wiring boards
•
Only difference between the 2745AF and 2745AF2
is the terminal length
HIGH FREQUENCY MAGNETICS
T1/E1 Through Hole Transformers
2745AF
2745AF2
t
r
a
P
r
e
b
m
u
N
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
1
n
i
m
H
m
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
e
c
n
a
t
c
u
d
n
I
e
g
a
k
a
e
L
2
x
a
m
H
µ
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
m
u
m
i
n
I
M
g
n
i
d
n
i
w
r
e
t
n
I
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
s
m
r
V
)
6
-
4
(
:
)
1
-
3
(
)
1
-
3
(
)
1
-
3
(
)
6
-
4
(
)
1
-
3
(
)
6
-
4
(
d
n
a
)
1
-
3
(
F
A
5
4
7
2T
C
2
:
T
C
15
1
.
35
5
.
15
1
.
30
.
33
20
0
0
1
2
F
A
5
4
7
2T
C
2
:
T
C
15
1
.
35
5
.
15
1
.
30
.
33
20
0
0
1
V
1
.
0
,
z
H
k
9
1
t
a
d
e
r
u
s
a
e
m
.
1
d
e
t
r
o
h
s
)
6
-
4
(
h
t
i
w
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
2
3
2
CT
1
1 CT : 2 CT
4
CT
5
6
•
Operating temperature range: -40°C to +85° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
e
s
n
o
p
s
e
R
e
m
i
T
d
n
a
y
c
n
e
u
q
e
r
F
l
a
c
i
p
y
T
g
n
i
t
a
n
i
m
r
e
T
s
e
c
n
a
d
e
p
m
I
h
t
d
i
w
d
n
a
B
)
B
d
3
(
e
m
i
t
e
s
i
R
t
o
o
h
s
r
e
v
O
p
o
o
r
D
)
e
s
l
u
p
s
n
0
5
3
(
0
0
1
Ω
0
0
4
:
Ω
z
H
M
1
2
-
z
H
k
2s
n
7
1%
0%
5
.
0


Similar Part No. - 2745AF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2745AF2 BEL-2745AF2 Datasheet
34Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
More results

Similar Description - 2745AF

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2662K BEL-2662K Datasheet
50Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2664AK BEL-2664AK Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2741B BEL-2741B Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2741H2 BEL-2741H2 Datasheet
31Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
2741R2 BEL-2741R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Magnetics
2741S BEL-2741S Datasheet
61Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2745AJ2 BEL-2745AJ2 Datasheet
34Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745C BEL-2745C Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745F BEL-2745F Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com