Electronic Components Datasheet Search
  English  ▼

X  

2745AF2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2745AF2
Description  HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2745AF2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2745AF2 Datasheet HTML 1Page - Bel Fuse Inc. 2745AF2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
HIGH FREQUENCY MAGNETICS
©1999 Bel Fuse Inc.
Specifications subject to change without notice. 06.99
TM9913
T124
T1/E1 Single Through Hole Transformers
ELECTRICAL SPECIFICATIONS at 25° C
•
Operate as pulse transformers at DS1 and CEPT rates
•
Perform impedance matching and voltage transformation
for line transceivers
•
Qualified per Bellcore TR-TSY-000357-1
•
Compatible with water-soluble flux, total-immersion
cleaning and machine insertion
•
Meets IEC-695, 2-2 flammability requirements
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
*
e
c
n
a
t
c
u
d
n
I
n
i
m
H
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
g
n
i
d
n
i
w
r
e
t
n
I
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
n
i
m
s
m
r
V
d
e
d
l
e
i
h
S
n
o
i
s
r
e
V
c
e
S
:
i
r
P
i
r
P
c
e
S
2
J
A
5
4
7
2T
C
7
0
.
1
:
10
.
18
.
00
5
.
00
0
.
1A
/
N0
5
8_
_
_
3
G
5
4
7
2T
C
4
1
.
1
:
15
7
.
13
.
15
9
.
00
1
.
10
80
0
0
12
K
A
5
4
7
2
2
A
C
5
4
7
2T
C
6
3
.
1
:
12
9
.
07
.
05
8
.
02
.
10
20
0
0
12
H
1
4
7
2
2
F
A
5
4
7
2T
C
2
:
T
C
15
1
.
30
.
35
5
.
15
1
.
33
20
0
0
12
G
1
4
7
2
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
M
*
C
I
t
n
e
c
u
L
r
e
b
m
u
N
t
r
a
P
n
o
i
t
a
c
i
l
p
p
A
e
v
i
e
c
e
R
t
i
m
s
n
a
r
T
r
e
b
m
u
N
t
r
a
P
l
e
B
r
e
b
m
u
N
t
r
a
P
l
e
B
8
8
2
7
T0
2
1
T
P
E
C
/
5
7
T
P
E
C2
F
A
5
4
7
22
A
C
5
4
7
2
A
9
8
2
7
T1
S
D2
F
A
5
4
7
23
G
5
4
7
2
A
0
9
2
7
T
1
S
D2
F
A
5
4
7
22
J
A
5
4
7
2
0
2
1
T
P
E
C
/
5
7
T
P
E
C
/
1
T2
F
A
5
4
7
22
A
C
5
4
7
2
0
3
6
7
T
1
S
D3
G
5
4
7
23
G
5
4
7
2
1
.
5
7
T
P
E
C2
J
A
5
4
7
22
J
A
5
4
7
2
0
2
1
T
P
E
C
/
2
.
5
7
T
P
E
C2
A
C
5
4
7
22
A
C
5
4
7
2
8
8
6
7
T
1
.
5
7
T
P
E
C2
J
A
5
4
7
22
J
A
5
4
7
2
0
2
1
T
P
E
C
/
2
.
5
7
T
P
E
C2
A
C
5
4
7
22
A
C
5
4
7
2
9
8
6
7
T1
S
D3
G
5
4
7
23
G
5
4
7
2
0
9
6
7
T
8
9
6
7
T
1
S
D3
G
5
4
7
23
G
5
4
7
2
1
.
5
7
T
P
E
C2
J
A
5
4
7
22
J
A
5
4
7
2
0
2
1
T
P
E
C
/
2
.
5
7
T
P
E
C2
A
C
5
4
7
22
A
C
5
4
7
2


Similar Part No. - 2745AF2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2745AF2 BEL-2745AF2 Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
More results

Similar Description - 2745AF2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2662K BEL-2662K Datasheet
50Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2664AK BEL-2664AK Datasheet
27Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2741B BEL-2741B Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2741H2 BEL-2741H2 Datasheet
31Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Shielded Transformers
2741R2 BEL-2741R2 Datasheet
45Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Magnetics
2741S BEL-2741S Datasheet
61Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
2745AF BEL-2745AF Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745C BEL-2745C Datasheet
60Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745F BEL-2745F Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Hardened Transformers
2745H2 BEL-2745H2 Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Shielded Transformers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com