Electronic Components Datasheet Search
  English  ▼

X  

2745AM2 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2745AM2
Description  HIGH FREQUENCY MAGNETICS T3/E3/STS-1 Through Hole Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2745AM2 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2745AM2 Datasheet HTML 1Page - Bel Fuse Inc. 2745AM2 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 09.00
TM00147
T1-111
ELECTRICAL SPECIFICATIONS AT 25° C
SCHEMATIC
•
Operates at pulse repitition rates of 30 Mb/s to 60
Mb/s (includes both the DS3 and the STS-1 rate)
•
Has three separate windings which can be config-
ured for both 1:1 and 1:4 impedance ratios
2745AM2
HIGH FREQUENCY MAGNETICS
T3/E3/STS-1 Through Hole Transformer
•
Operating temperature range: -40° C to +85° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: Shock, vibration, temperature cycling,
temperature - humidity - bias
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
e
c
n
a
t
c
u
d
n
I
2
n
i
M
H
µ
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
1
x
a
m
H
µ
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
n
i
m
F
p
5
7
r
o
F
Ω
Ω
Ω
Ω
Ω 5
7
:
Ω
Ω
Ω
Ω
Ω
n
o
i
t
a
r
u
g
i
f
n
o
C
m
u
m
i
n
i
M
g
n
i
d
n
i
w
r
e
t
n
I
n
w
o
d
k
a
e
r
B
e
g
a
t
l
o
V
s
m
r
V
)
4
-
3
(
:
)
5
-
2
(
:
)
6
-
1
(
)
1
-
6
(
)
6
-
1
(
)
5
-
2
(
)
4
-
3
(
)
5
-
3
(
l
a
c
i
p
y
T
h
t
d
i
w
d
n
a
B
)
B
d
3
(
l
a
c
i
p
y
T
e
s
i
R
e
s
l
u
P
e
m
i
T
)
%
0
9
-
%
0
1
(
2
M
A
5
4
7
21
:
1
:
15
62
.
03
.
05
1
o
t
z
H
k
0
4
z
H
M
0
6
2
s
n
4
.
10
0
5
1
4
o
t
2
t
c
e
n
n
o
c
,
c
a
V
1
0
.
0
,
z
H
k
0
0
1
t
a
d
e
r
u
s
a
e
m
.
1
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
2
1
6
5
2
4
3
1
6
5
2
4
3


Similar Part No. - 2745AM2

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2745AF BEL-2745AF Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745AF2 BEL-2745AF2 Datasheet
62Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformers
2745AF2 BEL-2745AF2 Datasheet
34Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Single Through Hole Transformers
2745AG2 BEL-2745AG2 Datasheet
42Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
2745AH BEL-2745AH Datasheet
43Kb / 2P
HIGH FREQUENCY MAGNETICS T1/E1 Through Hole Transformer
More results

Similar Description - 2745AM2

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PT75426 BOURNS-PT75426 Datasheet
135Kb / 1P
T3/DS3/E3/STS-1 Transformer
logo
PCA ELECTRONICS INC.
EPA3134 PCA-EPA3134 Datasheet
21Kb / 1P
T3/DS3/E3/STS-1 Transformer
EPA3133G PCA-EPA3133G Datasheet
21Kb / 1P
T3/DS3/E3/STS-1 Transformer
EPA3582 PCA-EPA3582 Datasheet
16Kb / 1P
T3/DS3/E3/STS-1 Transformer
logo
Bothhand USA, LP.
S5662 BOTHHAND-S5662 Datasheet
25Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5663 BOTHHAND-S5663 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5664 BOTHHAND-S5664 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5779 BOTHHAND-S5779 Datasheet
245Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
S5969 BOTHHAND-S5969 Datasheet
246Kb / 1P
T3/DS3/E3/STS-1 TRANSFORMER
logo
PCA ELECTRONICS INC.
EPA3582G_0609 PCA-EPA3582G_0609 Datasheet
19Kb / 1P
T3/DS3/E3/STS-1 Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com