Electronic Components Datasheet Search
  English  ▼

X  

2746B Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2746B
Description  MODEM MAGNETICS Audio/Voice Frequency Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2746B Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2746B Datasheet HTML 1Page - Bel Fuse Inc. 2746B Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
MODEM MAGNETICS
©1999 Bel Fuse Inc. Specifications subject to change without notice.
TM99AH
Audio/Voice Frequency Transformer
ELECTRICAL SPECIFICATIONS at 25° C
SCHEMATIC
2746B
8
5
1
4
Primary
Secondary
•
Used for intercircuit signal transfer, impedance
matching and V.32 modem applications
•
Qualified per Bellcore TR-TSY-000357-1
•
UL approved, file number E105648
•
Operates over the audio/voice frequency range
•
Minimum interwinding breakdown voltage of 1500 Vrms
•
Meets IEC 695, 2-2 flammability requirements
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
2
±
y
r
a
m
i
r
P
*
e
c
n
a
t
c
u
d
n
I
n
i
m
H
n
o
i
t
r
e
s
n
I
s
s
o
L
x
a
m
B
d
n
r
u
t
e
R
s
s
o
L
p
y
t
B
d
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
g
n
i
p
a
h
S
y
c
n
e
u
q
e
r
F
z
H
k
1
o
t
e
v
i
t
a
l
e
R
B
d
c
i
n
o
m
r
a
H
n
o
i
t
r
o
t
s
i
D
%
c
e
S
:
i
r
P
z
H
k
1
@
z
H
0
0
3
@
i
r
P
c
e
S
z
H
0
0
2
z
H
k
0
5
z
H
0
0
3
@
B
6
4
7
21
:
15
.
10
.
10
2
>8
68
65
.
05
.
05
.
0
<
c
a
V
1
,
z
H
0
0
2
t
a
d
e
r
u
s
a
e
M
*
s
d
r
a
d
n
a
t
s
)
a
(
0
1
3
.
8
6
C
C
F
s
t
e
e
m
e
c
n
a
l
a
b
l
a
n
i
d
u
t
i
g
n
o
L
l
e
v
e
l
r
e
w
o
Pm
B
d
7
+
o
t
m
B
d
7
4
-


Similar Part No. - 2746B

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2746 KR-2746 Datasheet
48Kb / 2P
Bandpass Filter
logo
Multicomp Pro
2746 MULTICOMP-2746 Datasheet
223Kb / 2P
Hex Standoff Threaded, Brass
25/06/12 V1.0
logo
Presto International UK...
27460 PRESTO-27460 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
logo
PHOENIX CONTACT
27460101 PHOENIX-27460101 Datasheet
284Kb / 8P
PCB terminal block - FFKDSA1/V-2,54- 2
27460101 PHOENIX-27460101 Datasheet
213Kb / 6P
PCB terminal block - PT 2,5/ 4-7,5-H
More results

Similar Description - 2746B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
S554-5999-15 BEL-S554-5999-15 Datasheet
26Kb / 2P
CABLE MODEM MAGNETICS Wideband RF Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
2793A BEL-2793A Datasheet
31Kb / 2P
MODEM MAGNETICS European V.34 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
MODEM MAGNETICS V.90 Modem Transformers
2811B BEL-2811B Datasheet
30Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
S574-1000-18 BEL-S574-1000-18 Datasheet
29Kb / 2P
MODEM MAGNETICS V.90 Modem Surface Mount Transformer
logo
List of Unclassifed Man...
TTC-50231 ETC2-TTC-50231 Datasheet
640Kb / 4P
Voice/Modem Line Transformers
logo
Bel Fuse Inc.
S554-5999-03 BEL-S554-5999-03_1 Datasheet
26Kb / 2P
CABLE MODEM MAGNETICS
logo
Texas Instruments
PCM3500 TI1-PCM3500_08 Datasheet
401Kb / 30P
VOICE/MODEM CODEC
PCM3501 TI1-PCM3501_08 Datasheet
384Kb / 28P
VOICE/MODEM CODEC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com