Electronic Components Datasheet Search
  English  ▼

X  

2795C Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 2795C
Description  HIGH FREQUENCY MAGNETICS T1/E1 Miniature Surface Mount Tranformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2795C Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2795C Datasheet HTML 1Page - Bel Fuse Inc. 2795C Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite G7, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
HIGH FREQUENCY MAGNETICS
©2000 Bel Fuse Inc. Specifications subject to change without notice. 04.00
TM00142
T1-94
T1/E1 Miniature Surface Mount Tranformers
MECHANICAL
Supplementary Information
Safety Agency Compatibility
Underwriters Laboratories, Inc. UL 1950
Surge Voltage Capability
10/700 µs; 10 repetitions of alternating polarity, generator output: peak voltage, 25
Ω source
Flammability Compliance
IEC-695, 2-2 (needle flame test), materials are UL 94 VO approved
Simulation Model
SPICE computer simulation file available on request
Surface-Mount Packaging
Tape and Reel; 16 mm wide by 12 mm pitch; 13 inch OD; 4 inch ID
650 transformers per reel, maximum
Meets ANSI/EIA 481-2 Carrier Tape Standards—JEDEC SO package
Terminal Lead Coplanarity
0.004 inch [0.10 mm]
PWB Process Capability
Machine placement (recommendation: locate by terminals, not body)
0.265
[6.73]
ref
A
6
54
12
3
Terminal 1 ID
0.020 [0.51]
0.073 [1.85]
A
0.240
[6.10] max
0.350
[8.90]
max
0.055
[1.40]
0.265
[6.73]
max
0.015 [0.40]
R0.023 [0.60]
0˚/8˚
No metallization
or solder mask
in cross-hatched
designated area
0.033 [0.84]
0.065
[1.65]
0.364
[9.25]
0.057
[1.45]
0.234
[5.95]
0.186
[4.72]
0.073 [1.85]
0.040 [1.02]
Suggested PCB Pad Layout
Note: Unless otherwise specified, dimensions
are nominal and in inches [millimeters].
2795AB
2795B
2795C
2795D
2795P
2795R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com