Electronic Components Datasheet Search
  English  ▼

X  

2798C Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # 2798C
Description  ISDN MAGNETICS Dual S Interface Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2798C Datasheet(HTML) 2 Page - Bel Fuse Inc.

  2798C Datasheet HTML 1Page - Bel Fuse Inc. 2798C Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE
Bel Fuse Inc.
198 Van Vorst Street
Jersey City, NJ 07302
Tel
201-432-0463
Fax
201-432-9542
www.belfuse.com
FAR EAST
Bel Fuse Ltd.
8F / 8 Luk Hop Street
San Po Kong
Kowloon, Hong Kong
Tel
852-2328-5515
Fax 852-2352-3706
www.belfuse.com
EUROPE
Bel Fuse Europe Ltd.
Preston Technology Management Centre
Marsh Lane, Suite F23, Preston
Lancashire, PR1 8UD, U.K.
Tel
44-1772-556601
Fax 44-1772-888366
www.belfuse.com
ISDN MAGNETICS
©1999 Bel Fuse Inc. Specifications subject to change without notice. 06.99
TM9937
T327
Dual S Interface Transformers
1
2
3456
78
16
15
14 13 12
11 10
9
0.950 [24.13] max
0.100 [2.54] typ
0.1.22 [3.10] typ
0.300
[7.62]
max
0.705 [17.91]
– 0.005 [0.13]
+0.010 [0.25]
0.595
[15.11]
typ
0.015 [0.38]
Note: Unless otherwise specified, dimensions
are nominal and in inches [millimeters].
MECHANICAL
Tape and reel packaging: 400 parts/reel
2798A
2798B
2798C
2798D
2798E
Terminal Pad
0.100 [2.54] typ
0.060 [1.52] typ
0.060
[1.52]
typ
0.755
[19.18]
typ
0.035 [0.89]
0.030
[0.76]
Suggested PCB Pad Layout



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com