Electronic Components Datasheet Search
  English  ▼

X  

2808D Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2808D
Description  RADSL MAGNETICS Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2808D Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2808D Datasheet HTML 1Page - Bel Fuse Inc. 2808D Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
RADSL MAGNETICS
©1999 Bel Fuse Inc. Specifications subject to change without notice.
TM99AD
Transformer
SCHEMATIC
ELECTRICALS at 25° C
8
6
7
5
1
3
2
4
Chip
Line
•
Designed to be compatible with Globespan’s RADSL
chip set
•
Meets the specification for both UL and CSA
•
Operating temperature range of 0° C to 85° C
•
Minimum interwinding breakdown voltage of 1500 Vrms
r
e
b
m
u
N
t
r
a
P
o
i
t
a
R
s
n
r
u
T
%
3
±
e
c
n
a
t
c
u
d
n
I
µµµµµ
n
i
m
H
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
µµµµµ
x
a
m
H
R
C
D
Ω
Ω
Ω
Ω
Ω
x
a
m
g
n
i
d
n
i
w
r
e
t
n
I
e
c
n
a
t
i
c
a
p
a
C
x
a
m
F
p
e
n
i
L
:
p
i
h
C
p
i
h
C
e
n
i
L
D
8
0
8
20
4
.
1
:
0
.
10
5
40
.
0
10
0
.
20
0
.
35
2


Similar Part No. - 2808D

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
2808 EMCORE-2808 Datasheet
301Kb / 2P
110 Channel CATV Optical Receiver
logo
Heyco.
2808 HEYCO-2808 Datasheet
102Kb / 1P
Shorty Bushings
logo
PHOENIX CONTACT
2808001 PHOENIX-2808001 Datasheet
282Kb / 8P
Type 2 surge arrester - VAL-CP-RCD-3S/40/0.3/SEL
10/17/2014
logo
Lapp.
280804CY LAPP-280804CY Datasheet
215Kb / 4P
ÖLFLEX® CONTROL TM CY
15.10.2017
logo
PHOENIX CONTACT
2808190 PHOENIX-2808190 Datasheet
132Kb / 4P
MCR 8-bit digital/analog converters, with flat-ribbon cable connection and COMBICON plug connector, pitch 5.08 mm, output signal 0..10 V
More results

Similar Description - 2808D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T-1016G ETC-T-1016G Datasheet
22Kb / 1P
RADSL Transformer
logo
Bel Fuse Inc.
2776F BEL-2776F Datasheet
27Kb / 2P
RADSL MAGNETICS International Transformer
2808F BEL-2808F Datasheet
30Kb / 2P
RADSL MAGNETICS Transformer
logo
Rhombus Industries Inc.
T-890 RHOMBUS-IND-T-890 Datasheet
32Kb / 1P
RADSL Transformer
2/3/97
T-891 RHOMBUS-IND-T-891 Datasheet
32Kb / 1P
RADSL Transformer
2/3/97
T-1014 RHOMBUS-IND-T-1014 Datasheet
29Kb / 1P
RADSL Transformer
01/02/98
T-1014G RHOMBUS-IND-T-1014G Datasheet
25Kb / 1P
RADSL Transformer
01/02/98
T-1016 RHOMBUS-IND-T-1016 Datasheet
29Kb / 1P
RADSL Transformer
01/02/98
T-1016G RHOMBUS-IND-T-1016G Datasheet
26Kb / 1P
RADSL Transformer
01/02/98
logo
PCA ELECTRONICS INC.
EPB5021 PCA-EPB5021 Datasheet
17Kb / 1P
RADSL Interface Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com