Electronic Components Datasheet Search
  English  ▼

X  

EPT7002 Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7002
Description  4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7002 Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7002 Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
QAF-CSO7 8/10/94
DST7020
12/6/94
Electrical Specifications @ 25°C
Characteristic Impedance
Common to Common
Mode Rejection
-20 dB Min.
1-5 MHz
-8 dB Min.
24 MHz
Return Loss
-15 dB Min.
10-16 MHz
EPT7002
-7.0 dB Min.
32 MHz
Insertion Loss
-3.0 dBMax.
12 KHz
-1.7 dB Max.
24 MHz
-0.8 dB Max.
16 MHz
-70 dB Min.
100 KHz
-25 dB Min.
100 MHz
-55 dB Min.
10 MHz
-65 dB Min.
100 KHz
-20 dB Min.
200 MHz
-30 dB Min.
20 MHz
Common to Differential
Rejection
Supports both STP and UTP Transmission
PCA Part Number
Block Diagram for Receiver Interface Unit
Block Diagram for Transmit Interface Unit
SMD Package
.635 Typ.
White Dot
Pin 1
.350
Max.
1.30 Max.
.100 Typ.
.125 Min.
.020
Typ.
.585
Max.
PCA
Date Code
EPT7002
Leads : .018 Typ. x .008/.012
Signal Isolation
Matching Transformer
Phantom Drive
Signal Insertion
Filter
EMI Filtering
5 Phantom A
6 Phantom B
4
1
20 Gnd
Signal Isolation
Matching Transformer
Phantom Drive
Signal Return
Filter
EMI Filtering
7 Gnd
8 Gnd
10
9
17 Gnd
23 (3)
21 B
2
Vcc
3
24 (6)
22
13 (5)
15 G
12
Load
11
14 (4)
16 R
100
Ω UTP
100
Ω UTP
150
Ω STP
Unless Otherwise Noted
Dimensions in Inches
Tolerances: Fractional = ± 1/32
.XX = ± .030
.XXX = ± .010
TEL: (818) 892-0761
FAX: (818) 894-5791
WEB: http://www.pcainc. com
E L E C T R O N I C S
I N C .
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343


Similar Part No. - EPT7002

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7000 PCA-EPT7000 Datasheet
20Kb / 1P
Adapter For Token Ring
EPT7001 PCA-EPT7001 Datasheet
20Kb / 1P
4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive
EPT7001G PCA-EPT7001G Datasheet
20Kb / 1P
4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive
EPT7003 PCA-EPT7003 Datasheet
31Kb / 1P
Common Mode Choke
EPT7003-RC PCA-EPT7003-RC Datasheet
31Kb / 1P
Common Mode Choke
More results

Similar Description - EPT7002

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7001G PCA-EPT7001G Datasheet
20Kb / 1P
4/16 Mbps Token Ring 16 Pin Modules for Transmit and Receive
EPT7010MG PCA-EPT7010MG Datasheet
30Kb / 1P
4/16 Mbps Token Ring 24 Pin Module for Transmit and Receive
EPT7020 PCA-EPT7020 Datasheet
18Kb / 1P
Euro-Optimized Token Ring 16 Pin SMD Line Transceiver Module
EPT7040 PCA-EPT7040 Datasheet
23Kb / 1P
4/16 Mbps Token Ring Transmit and Receive Module
EPT7055AM PCA-EPT7055AM Datasheet
38Kb / 2P
Token Ring Transceiver Module
EPT7062 PCA-EPT7062 Datasheet
31Kb / 1P
Token Ring 20 Pin Transceiver Module
EPA2864 PCA-EPA2864 Datasheet
34Kb / 2P
25 Mbps ATM Transmit and Receive, UTP Interface
logo
RF Micro Devices
RF6599 RFMD-RF6599 Datasheet
556Kb / 9P
915MHz Transmit/Receive Module
RFFM6909 RFMD-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
logo
Qorvo, Inc
RFFM6909 QORVO-RFFM6909 Datasheet
227Kb / 5P
925MHz Transmit/Receive Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com