Electronic Components Datasheet Search
  English  ▼

X  

EPT7003C Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPT7003C
Description  Common Mode Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPT7003C Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPT7003C Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
Common Mode Choke
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Surface Mount Package
• Robust Construction for Reflow Processing
• Operating Temperature : 0°C to 85°C
• Peak Solder Rating (See Note 2)
• RoHS Compliant
EPT7003C & EPT7003C-RC
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CST7003C & -RC
Rev. Orig.2
9/20/05 JDG
Electrical Parameters @ 25° C
Typical CMRR
1
10
100
0
-5
-10
-15
-20
-25
-30
Frequency (MHz)
500
-35
-40
Schematic
8
5
7 6
1
4
2 3
1:1:1:1 ± 5%
CMRR
See Graph
300
Hipot
(Vrms)
Inductance
(µH Min.)
@100 KHz, 100 m Vrms
4.0
Pins 1-8, 2-7, 3-6 and 4-5
DCR
(
Ω Max.)
0.250
Pins 1-8, 2-7, 3-6 and 4-5
Package
.250
(6.35)
Pin 1
I.D.
.010
(.254)
.035
(.889)
.145
(3.68)
.050
(1.27)
.188
(4.78)
Pad
Layout
.320
(8.13)
.060
(1.52)
.030
(.762)
.050
(1.27)
.280
(7.11)
.018/.022
(.457/.559)
Notes :
1. Assembly Process (Solder Composition)
2. Peak Solder Rating
(per IPC/JEDEC J-STD-020C)
3. Moisture Sensitive Levels (MSL)
(per IPC/JEDEC J-STD-020C)
4. Weight
5. Packaging Information
(*Add “TR” to end of part number
when placing order)
(Tape & Reel)
MSL = 4
(72 Hours,
≤30°C/60%RH)
EPT7003C-RC
Pb-Free +
(RoHS exemption 7a)
260°C
0.33 grams
1000 pieces/13” reel
(*EPT7003C-RCTR)
EPT7003C
225°C
MSL = 3
(168 Hours,
≤30°C/60%RH)
0.33 grams
1000 pieces/13” reel
(*EPT7003C-TR)
SnPb


Similar Part No. - EPT7003C

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7003C PCA-EPT7003C_15 Datasheet
32Kb / 1P
Common Mode Choke
More results

Similar Description - EPT7003C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Allied Components Inter...
VCM7101-RC ALLIED-VCM7101-RC Datasheet
496Kb / 1P
Common Mode Choke
logo
XFMRS Inc.
XF0473-HPCMC XFMRS-XF0473-HPCMC_10 Datasheet
108Kb / 1P
COMMON MODE CHOKE
logo
ice Components, Ins.
CS01 ICE-CS01_08 Datasheet
403Kb / 2P
Common Mode Choke
logo
MPS Industries, Inc.
P52TM12 MPSIND-P52TM12 Datasheet
195Kb / 1P
COMMON MODE CHOKE
logo
Dongguan Mentech Optica...
CM15R7DG503U MNC-CM15R7DG503U Datasheet
133Kb / 2P
COMMON MODE CHOKE
CM422SG8R0U MNC-CM422SG8R0U Datasheet
166Kb / 1P
COMMON MODE CHOKE
logo
VACUUMSCHMELZE GmbH & C...
T60006-L2102-V347 VACUUMSCHMELZE-T60006-L2102-V347 Datasheet
37Kb / 2P
Common Mode Choke
T60405-R6123-X213 VACUUMSCHMELZE-T60405-R6123-X213 Datasheet
102Kb / 2P
Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com