Electronic Components Datasheet Search
  English  ▼

X  

HA5013 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA5013
Description  PC Add-On Multimedia Boards
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5013 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA5013 Datasheet HTML 1Page - Renesas Technology Corp HA5013 Datasheet HTML 2Page - Renesas Technology Corp HA5013 Datasheet HTML 3Page - Renesas Technology Corp HA5013 Datasheet HTML 4Page - Renesas Technology Corp HA5013 Datasheet HTML 5Page - Renesas Technology Corp HA5013 Datasheet HTML 6Page - Renesas Technology Corp HA5013 Datasheet HTML 7Page - Renesas Technology Corp HA5013 Datasheet HTML 8Page - Renesas Technology Corp HA5013 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals . . . . . . . . . . . . . . . . . . . 36V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
SUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10V
Output Current (Note 2) . . . . . . . . . . . . . . . . Short Circuit Protected
ESD Rating (Note 4)
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . 2000V
Operating Conditions
Temperature Range. . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Supply Voltage Range (Typical) . . . . . . . . . . . . . . . .
±4.5V to ±15V
Thermal Resistance (Typical, Note 1)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature (Die Only, Note 3). . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package, Note 3) . . 150oC
Maximum Storage Temperature Range . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. Output is protected for short circuits to ground. Brief short circuits to ground will not degrade reliability, however, continuous (100% duty cycle)
output current should not exceed 15mA for maximum reliability.
3. Maximum power dissipation, including output load, must be designed to maintain junction temperature below 175oC for die, and below 150oC
for plastic packages. See Application Information section for safe operating area information.
4. The non-inverting input of unused amplifiers must be connected to GND.
Electrical Specifications
VSUPPLY = ±5V, RF = 1kΩ, AV = +1, RL = 400Ω, CL ≤10pF, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 9)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage (VIO)
A25
-
0.8
3
mV
AFull
-
-
5
mV
Delta VIO Between Channels
A
Full
-
1.2
3.5
mV
Average Input Offset Voltage Drift
B
Full
-
5
-
µV/oC
VIO Common Mode Rejection Ratio
VCM = ±2.5V (Note 5)
A
25
53
-
-
dB
A
Full
50
-
-
dB
VIO Power Supply Rejection Ratio
±3.5V ≤ V
S ≤ ±6.5V
A
25
60
-
-
dB
AFull
55
-
-
dB
Input Common Mode Range
VCM = ±2.5V (Note 5)
A
Full
±2.5
-
-
V
Non-Inverting Input (+IN) Current
A
25
-
3
8
µA
AFull
-
-
20
µA
+IN Common Mode Rejection
(+IBCMR =)
VCM = ±2.5V (Note 5)
A25
-
-
0.15
µA/V
AFull
-
-
0.5
µA/V
+IN Power Supply Rejection
±3.5V ≤ V
S ≤ ±6.5V
A
25
-
-
0.1
µA/V
AFull
-
-
0.3
µA/V
Inverting Input (-IN) Current
A
25, 85
-
4
12
µA
A-40
-
10
30
µA
Delta - IN BIAS Current Between Channels
A
25, 85
-
6
15
µA
A-40
-
10
30
µA
1
+RIN
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com