Electronic Components Datasheet Search
  English  ▼

X  

HA5013IP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA5013IP
Description  PC Add-On Multimedia Boards
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5013IP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA5013IP Datasheet HTML 6Page - Renesas Technology Corp HA5013IP Datasheet HTML 7Page - Renesas Technology Corp HA5013IP Datasheet HTML 8Page - Renesas Technology Corp HA5013IP Datasheet HTML 9Page - Renesas Technology Corp HA5013IP Datasheet HTML 10Page - Renesas Technology Corp HA5013IP Datasheet HTML 11Page - Renesas Technology Corp HA5013IP Datasheet HTML 12Page - Renesas Technology Corp HA5013IP Datasheet HTML 13Page - Renesas Technology Corp HA5013IP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
FIGURE 24. INVERTING GAIN FLATNESS vs FREQUENCY
FIGURE 25. INPUT NOISE CHARACTERISTICS
FIGURE 26. INPUT OFFSET VOLTAGE vs TEMPERATURE
FIGURE 27. +INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 28. -INPUT BIAS CURRENT vs TEMPERATURE
FIGURE 29. TRANSIMPEDANCE vs TEMPERATURE
Typical Performance Curves VSUPPLY = ±5V, AV = +1, RF = 1kΩ, RL = 400Ω, TA = 25oC,
Unless Otherwise Specified (Continued)
0.8
0.6
0.4
0.2
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
FREQUENCY (MHz)
51015
20
25
30
VOUT = 0.2VP-P
CL = 10pF
AV = -1
AV = -2
AV = -5
AV = -10
RF = 750Ω
FREQUENCY (kHz)
0.01
0.1
1
10
100
100
80
60
40
20
0
1000
800
600
400
200
0
AV = +10, RF = 383Ω
-INPUT NOISE CURRENT
+INPUT NOISE CURRENT
INPUT NOISE VOLTAGE
1.5
1.0
0.5
0.0
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
2
0
-2
-4
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
22
20
18
16
-60
-40
-20
0
40
60
80
100
120
140
20
TEMPERATURE (oC)
TEMPERATURE (oC)
4000
3000
2000
1000
-60
-40
-20
0
40
60
80
100
120
140
20
HA5013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com