Electronic Components Datasheet Search
  English  ▼

X  

HA5022 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HA5022
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HA5022 Datasheet HTML 8Page - Renesas Technology Corp HA5022 Datasheet HTML 9Page - Renesas Technology Corp HA5022 Datasheet HTML 10Page - Renesas Technology Corp HA5022 Datasheet HTML 11Page - Renesas Technology Corp HA5022 Datasheet HTML 12Page - Renesas Technology Corp HA5022 Datasheet HTML 13Page - Renesas Technology Corp HA5022 Datasheet HTML 14Page - Renesas Technology Corp HA5022 Datasheet HTML 15Page - Renesas Technology Corp HA5022 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 15 of 16
May 2003
FIGURE 41. CHANNEL SEPARATION vs FREQUENCY
FIGURE 42. ENABLE/DISABLE TIME vs OUTPUT VOLTAGE
FIGURE 43. DISABLE FEEDTHROUGH vs FREQUENCY
FIGURE 44. TRANSIMPEDANCE vs FREQUENCY
FIGURE 45. TRANSIMPEDENCE vs FREQUENCY
Typical Performance Curves VSUPPLY = 5V, AV = +1, RF = 1k, RL = 400 TA = 25oC, Unless Otherwise Specified (Continued)
-30
-40
-50
-60
-70
-80
0.1
1
10
30
FREQUENCY (MHz)
AV = +1
VOUT = 2VP-P
DISABLE
ENABLE
ENABLE
DISABLE
20
18
16
14
12
10
8
6
4
2
0
OUTPUT VOLTAGE (V)
-2.5 -2.0 -1.5 -1.0 -0.5
0
0.5
1.0
1.5
2.0
2.5
32
30
28
26
24
22
20
18
16
14
12
-20
-40
-50
-60
-70
-80
0.1
1
10
20
FREQUENCY (MHz)
-30
-10
0
DISABLE = 0V
VIN = 5VP-P
RF = 750
-135
-90
-45
0
45
90
135
180
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
100
RL = 100
FREQUENCY (MHz)
-135
-90
-45
0
45
90
135
180
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
100
RL = 400
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com