Electronic Components Datasheet Search
  English  ▼

X  

HA5022IB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA5022IB
Description  Dual, 125MHz, Video Current Feedback Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022IB Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA5022IB Datasheet HTML 3Page - Renesas Technology Corp HA5022IB Datasheet HTML 4Page - Renesas Technology Corp HA5022IB Datasheet HTML 5Page - Renesas Technology Corp HA5022IB Datasheet HTML 6Page - Renesas Technology Corp HA5022IB Datasheet HTML 7Page - Renesas Technology Corp HA5022IB Datasheet HTML 8Page - Renesas Technology Corp HA5022IB Datasheet HTML 9Page - Renesas Technology Corp HA5022IB Datasheet HTML 10Page - Renesas Technology Corp HA5022IB Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HA5022
FN3392 Rev.7.00
Page 7 of 16
May 2003
Application Information
Optimum Feedback Resistor
The plots of inverting and non-inverting frequency response,
see Figure 11 and Figure 12 in the Typical Performance
Curves section, illustrate the performance of the HA5022 in
various closed loop gain configurations. Although the
bandwidth dependency on closed loop gain isn’t as severe as
that of a voltage feedback amplifier, there can be an
appreciable decrease in bandwidth at higher gains. This
decrease may be minimized by taking advantage of the current
feedback amplifier’s unique relationship between bandwidth
and RF . All current feedback amplifiers require a feedback
resistor, even for unity gain applications, and RF, in
conjunction with the internal compensation capacitor, sets the
dominant pole of the frequency response. Thus, the amplifier’s
bandwidth is inversely proportional to RF. The HA5022 design
is optimized for a 1000
 RF at a gain of +1. Decreasing RF in a
unity gain application decreases stability, resulting in
excessive peaking and overshoot. At higher gains the amplifier
is more stable, so RF can be decreased in a trade-off of
stability for bandwidth.
The table below lists recommended RF values for various
gains, and the expected bandwidth.
PC Board Layout
The frequency response of this amplifier depends greatly on
the amount of care taken in designing the PC board. The use
of low inductance components such as chip resistors and chip
capacitors is strongly recommended. If leaded components are
used the leads must be kept short especially for the power
supply decoupling components and those components
connected to the inverting input.
Attention must be given to decoupling the power supplies. A
large value (10
F) tantalum or electrolytic capacitor in parallel
with a small value (0.1
F) chip capacitor works well in most
cases.
A ground plane is strongly recommended to control noise.
Care must also be taken to minimize the capacitance to ground
seen by the amplifier’s inverting input (-IN). The larger this
capacitance, the worse the gain peaking, resulting in pulse
overshoot and possible instability. It is recommended that the
ground plane be removed under traces connected to -IN, and
that connections to -IN be kept as short as possible to
minimize the capacitance from this node to ground.
Driving Capacitive Loads
Capacitive loads will degrade the amplifier’s phase margin
resulting in frequency response peaking and possible
oscillations. In most cases the oscillation can be avoided by
placing an isolation resistor (R) in series with the output as
shown in Figure 6.
The selection criteria for the isolation resistor is highly
dependent on the load, but 27
 has been determined to be a
good starting value.
Power Dissipation Considerations
Due to the high supply current inherent in dual amplifiers, care
must be taken to insure that the maximum junction
temperature (TJ, see Absolute Maximum Ratings) is not
exceeded. Figure 7 shows the maximum ambient temperature
versus supply voltage for the available package styles (PDIP,
SOIC). At VS = 5V quiescent operation both package styles
may be operated over the full industrial range of -40oC to
85oC. It is recommended that thermal calculations, which take
into account output power, be performed by the designer.
Enable/Disable Function
When enabled the amplifier functions as a normal current
feedback amplifier with all of the data in the electrical
specifications table being valid and applicable. When disabled
GAIN
(ACL)RF ()
BANDWIDTH
(MHz)
-1
750
100
+1
1000
125
+2
681
95
+5
1000
52
+10
383
65
-10
750
22
VIN
VOUT
CL
RT
+-
RI
RF
R
FIGURE 6. PLACEMENT OF THE OUTPUT ISOLATION
RESISTOR, R
100
140
130
120
110
100
90
80
57
9
11
13
15
SUPPLY VOLTAGE (
V)
PDIP
SOIC
FIGURE 7. MAXIMUM OPERATING AMBIENT
TEMPERATURE vs SUPPLY VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com