Electronic Components Datasheet Search
  English  ▼

X  

HC5503PRC Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HC5503PRC
Description  Low Cost SLIC For Large Telecom Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503PRC Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HC5503PRC Datasheet HTML 3Page - Renesas Technology Corp HC5503PRC Datasheet HTML 4Page - Renesas Technology Corp HC5503PRC Datasheet HTML 5Page - Renesas Technology Corp HC5503PRC Datasheet HTML 6Page - Renesas Technology Corp HC5503PRC Datasheet HTML 7Page - Renesas Technology Corp HC5503PRC Datasheet HTML 8Page - Renesas Technology Corp HC5503PRC Datasheet HTML 9Page - Renesas Technology Corp HC5503PRC Datasheet HTML 10Page - Renesas Technology Corp HC5503PRC Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
HC5503PRC
FN4806 Rev.3.00
Page 11 of 11
June 2004
Quad Flat No-Lead Plastic Package (QFN)
Micro Lead Frame Plastic Package (MLFP)
INDEX
D1/2
D1
D/2
D
E1/2
E/2
E
A
2X
0.15
B
C
0.10
B
A
MC
A
N
SEATING PLANE
N
6
3
2
2
3
e
1
1
0.08
FOR ODD TERMINAL/SIDE
FOR EVEN TERMINAL/SIDE
C
C
SECTION "C-C"
NX b
A1
C
2X
C
0.15
0.15
2X
B
REF.
(Nd-1)Xe
(Ne-1)Xe
REF.
5
A1
4X P
A
C
C
4X P
B
2X
A
C
0.15
A2
A3
D2
D2
E2
E2/2
TERMINAL TIP
SIDE VIEW
TOP VIEW
7
BOTTOM VIEW
7
5
CL
CL
e
e
E1
2
NX k
NX b
8
NX L
8
8
9
AREA
9
4X
0.10 C
/ /
9
(DATUM B)
(DATUM A)
AREA
INDEX
6
AREA
N
9
CORNER
OPTION 4X
L1
L
10
L1
L
10
L32.7x7
32 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
(COMPLIANT TO JEDEC MO-220VKKC ISSUE C)
SYMBOL
MILLIMETERS
NOTES
MIN
TYP
MAX
A
0.80
0.90
1.00
-
A1
-
-
0.05
-
A2
-
-
1.00
9
A3
0.20 REF
9
b
0.23
0.28
0.38
5, 8
D
7.00 BSC
-
D1
6.75 BSC
9
D2
4.55
4.70
4.85
7, 8
E
7.00 BSC
-
E1
6.75 BSC
9
E2
4.55
4.70
4.85
7, 8
e
0.65 BSC
-
k
0.25
---
L
0.50
0.60
0.75
8
L1
-
-
0.15
10
N32
2
Nd
8
3
Ne
8
3
P-
-
0.60
9
--
12
9
Rev. 4 8/03
NOTES:
1. Dimensioning and tolerancing conform to ASME Y14.5-1994.
2. N is the number of terminals.
3. Nd and Ne refer to the number of terminals on each D and E.
4. All dimensions are in millimeters. Angles are in degrees.
5. Dimension b applies to the metallized terminal and is measured
between 0.15mm and 0.30mm from the terminal tip.
6. The configuration of the pin #1 identifier is optional, but must be
located within the zone indicated. The pin #1 identifier may be
either a mold or mark feature.
7. Dimensions D2 and E2 are for the exposed pads which provide
improved electrical and thermal performance.
8. Nominal dimensions are provided to assist with PCB Land
Pattern Design efforts, see Intersil Technical Brief TB389.
9. Features and dimensions A2, A3, D1, E1, P &
 are present
when Anvil singulation method is used and not present for saw
singulation.
10. Depending on the method of lead termination at the edge of the
package, a maximum 0.15mm pull back (L1) maybe present. L
minus L1 to be equal to or greater than 0.3mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com