Electronic Components Datasheet Search
  English  ▼

X  

2810F Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2810F
Description  ADSL Magnetics GlobeSpan RADSL CPE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2810F Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2810F Datasheet HTML 1Page - Bel Fuse Inc. 2810F Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 198 Van Vorst Street, Jersey City, NJ 07302 • Tel 201-432-0463 • Fax 201-432-9542 • www.belfuse.com
©2000 Bel Fuse Inc. Specifications subject to change without notice. 04.00
ADSL Magnetics
GlobeSpan RADSL CPE
TM00316
SCHEMATIC
2810F
•
Designed to meet UL1950 and IEC 950 safety require-
ments
•
UL file number: E150991
•
Operating temperature range: -40° C to +85° C
ELECTRICAL SPECIFICATIONS AT 25° C
•
Meets IEC 695, 2-2 flammability requirements
•
PWB Process Capability: standard printed wiring board
assembly techniques, total-immersion cleaning
•
Reliability testing: shock, vibration, temperature cycling,
temperature - humidity - bias
1
3
2
4
8
6
7
5
r
e
b
m
u
N
t
r
a
P
e
g
a
k
c
a
P
s
n
r
u
T
o
i
t
a
R
1
e
c
n
a
t
c
u
d
n
I
2
%
9
±
H
µ
R
C
D
1
Ω
Ω
Ω
Ω
Ω
x
a
m
e
g
a
k
a
e
L
e
c
n
a
t
c
u
d
n
I
3
x
a
m
H
µ
t
c
e
r
i
D
e
c
n
a
t
i
c
a
p
a
C
1
x
a
m
F
p
c
i
r
t
c
e
l
e
i
D
g
n
i
t
a
R
1
n
i
m
s
m
r
V
)
4
-
1
(
:
)
5
-
8
(
)
5
-
8
(
)
4
-
1
(
)
5
-
8
(
)
5
-
8
(
n
e
e
w
t
e
b
)
4
-
1
(
&
)
5
-
8
(
n
e
e
w
t
e
b
)
4
-
1
(
&
)
5
-
8
(
F
0
1
8
2D
M
S1
:
15
52
5
7
.
15
15
20
0
5
1
7
o
t
6
&
3
o
t
2
s
l
a
n
i
m
r
e
t
t
c
e
n
n
o
c
.
1
7
o
t
6
s
l
a
n
i
m
r
e
t
t
c
e
n
n
o
c
,
c
a
V
1
.
0
,
z
H
k
0
1
t
a
d
e
r
u
s
a
e
m
.
2
4
&
3
,
2
,
1
s
l
a
n
i
m
r
e
t
t
r
o
h
s
,
7
o
t
6
&
3
o
t
2
s
l
a
n
i
m
r
e
t
t
c
e
n
n
o
c
.
3
T3-49


Similar Part No. - 2810F

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2810 KR-2810 Datasheet
49Kb / 2P
70 MHz bandpass filter
logo
Heyco.
2810 HEYCO-2810 Datasheet
102Kb / 1P
Shorty Bushings
2810 HEYCO-2810 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
KR Electronics, Inc.
2810-S KR-2810-S Datasheet
49Kb / 2P
Sharp Transition to Stopband
logo
Amphenol Corporation
28100 AMPHENOL-28100 Datasheet
59Kb / 1P
BODY - BRASS, NICKEL PLATING CONTACT - BRASS, SILVER PLATING
More results

Similar Description - 2810F

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0560-6600-CK BEL-0560-6600-CK Datasheet
50Kb / 2P
ADSL Magnetics Globespan
0560-6600-N9 BEL-0560-6600-N9 Datasheet
94Kb / 2P
ADSL Magnetics GlobeSpan
2810D BEL-2810D Datasheet
60Kb / 2P
ADSL Magnetics GlobeSpan RADSL CO
2810H BEL-2810H Datasheet
60Kb / 2P
ADSL Magnetics GlobeSpan RADSL CO
2810J BEL-2810J Datasheet
59Kb / 2P
ADSL Magnetics GlobeSpan RADSL CPE
S560-6600-A7 BEL-S560-6600-A7 Datasheet
45Kb / 2P
ADSL Magnetics GlobeSpan ADSL DMT CPE
S560-6600-L3 BEL-S560-6600-L3 Datasheet
64Kb / 2P
ADSL MAGNETICS GlobeSpan
S560-6600-U2 BEL-S560-6600-U2 Datasheet
266Kb / 2P
ADSL Magnetics GlobeSpan
S560-6611-11 BEL-S560-6611-11 Datasheet
63Kb / 2P
ADSL Magnetics Globespan
S560-6611-12 BEL-S560-6611-12 Datasheet
62Kb / 2P
ADSL Magnetics Globespan
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com