Electronic Components Datasheet Search
  English  ▼

X  

HC5503TCBZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HC5503TCBZ
Description  Balanced PBX/Key System SLIC, Subscriber Line Interface Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503TCBZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  HC5503TCBZ Datasheet HTML 1Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 2Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 3Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 4Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 5Page - Renesas Technology Corp HC5503TCBZ Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
HC5503T
FN4506 Rev 2.00
Page 5 of 6
June 2004
Applications Diagram
Typical Component Values
C1 = 0.3F, 30V, 20%.
C2 = 0.01F, 100V,20%.
C3 = 0.01F, 20V, 20%.
C4 = 0.5F, 20V, 20%.
C5 = 0.5
F, 30V, 20%.
RB1 = RB2 = RB3 = RB4 = 150
PTC used as ring generator ballast.
NOTES:
4. Secondary protection diode bridge recommended is a 2A, 200V type.
5. All grounds (AG, BG, and DG) must be applied before VCC or VBAT. Failure to do so may result in premature failure of the part. If a user wishes
to run separate grounds off a line card, the AG must be applied first.
6. Application shows Ring Injected Ringing.
RB4
RING
RING FEED
TIP
VBAT
SLIC
HC5503T
RB2
RB1
RING
RB3
SUBSCRIBER
LOOP
-48V
SYSTEM CONTROLLER
1
9
10
2
TIP FEED
TIP
RX
TX
C1
VBAT BGND DGND AGND
VCC
SHD
13
11
12
6
23
C3
3
VCC
C2
C1
21
24
20
19
18
5
C4
C5
5V
PRIMARY
PROTECTION
(NOTE 4)
PIN NUMBERS GIVEN FOR SOIC PACKAGE.
K1A
PTC
Z1
-48V
RING GENERATOR
RS
7
T3
T2
T1
FIGURE 1. TYPICAL LINE CIRCUIT APPLICATION WITH THE MONOLITHIC SLIC
K1A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com