Electronic Components Datasheet Search
  English  ▼

X  

HC5549 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HC5549
Description  Low Power SLIC with Battery Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5549 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HC5549 Datasheet HTML 5Page - Renesas Technology Corp HC5549 Datasheet HTML 6Page - Renesas Technology Corp HC5549 Datasheet HTML 7Page - Renesas Technology Corp HC5549 Datasheet HTML 8Page - Renesas Technology Corp HC5549 Datasheet HTML 9Page - Renesas Technology Corp HC5549 Datasheet HTML 10Page - Renesas Technology Corp HC5549 Datasheet HTML 11Page - Renesas Technology Corp HC5549 Datasheet HTML 12Page - Renesas Technology Corp HC5549 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FN4539 Rev 3.00
Page 13 of 13
October 21, 2004
HC5549
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2000-2004. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Pin Description
PLCC
SYMBOL
DESCRIPTION
1
TIP
TIP power amplifier output.
2
BGND
Battery Ground - To be connected to zero potential. All loop current and longitudinal current flow from this ground.
Internally separate from AGND but it is recommended that it is connected to the same potential as AGND.
3
VBL
Low battery supply connection.
4
VBH
High battery supply connection.
5
SW+
Uncommitted switch positive terminal.
6
SW-
Uncommitted switch negative terminal.
7SWC
Switch control input. This TTL compatible input controls the uncommitted switch, with a logic “0” enabling the switch and
logic “1” disabling the switch.
8
F2
Mode control input - MSB. F2-F0 for the TTL compatible parallel control interface for controlling the various modes of
operation of the device.
9
F1
Mode control input.
10
F0
Mode control input.
11
E0
Detector Output Selection Input. This TTL input controls the multiplexing of the SHD (E0=1) and GKD (E0 =0) comparator
outputs to the DET output based upon the state at the F2-F0 pins.
12
DET
Detector Output - This TTL output provides hook status of the loop based upon the selected operating mode. The
detected output will either be switch hook, ground key or ring trip.
13
ALM
Thermal Shutdown Alarm. This pin signals the internal die temperature has exceeded safe operating temperature and
the device has been powered down automatically.
14
AGND
Analog ground reference. This pin should be externally connected to BGND.
15
BSEL
Selects between high and low battery, with a logic “1” selecting the high battery and logic “0” the low battery.
16
NC
This pin is a “no connect” and should remain floating proper device operation.
17
POL
Capacitor connected to this pin sets the polarity reversal slew rate.
18
VRB
Ringing Bias Input - Analog input to offset Tip output towards ground while in Ringing Mode.
19
VRX
Analog Receive Voltage - 4-wire analog audio input voltage. AC couples to codec.
20
VTX
Transmit output voltage - Output of impedance matching amplifier, AC couples to codec.
21
VFB
Feedback voltage for impedance matching. This voltage is scaled to accomplish impedance matching.
22
-IN
Impedance matching amplifier summing node.
23
VCC
Positive voltage power supply.
24
CDC
DC Biasing Filter Capacitor - Connects between this pin and VCC.
25
RTD
Ring trip filter network.
26
ILIM
Loop Current Limit programming resistor.
27
RD
Switch hook detection threshold programming resistor.
28
RING
RING power amplifier output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com