Electronic Components Datasheet Search
  English  ▼

X  

HCS157K Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HCS157K
Description  Radiation Hardened Quad 2-Input Multiplexers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCS157K Datasheet(HTML) 8 Page - Renesas Technology Corp

  HCS157K Datasheet HTML 1Page - Renesas Technology Corp HCS157K Datasheet HTML 2Page - Renesas Technology Corp HCS157K Datasheet HTML 3Page - Renesas Technology Corp HCS157K Datasheet HTML 4Page - Renesas Technology Corp HCS157K Datasheet HTML 5Page - Renesas Technology Corp HCS157K Datasheet HTML 6Page - Renesas Technology Corp HCS157K Datasheet HTML 7Page - Renesas Technology Corp HCS157K Datasheet HTML 8Page - Renesas Technology Corp HCS157K Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
FN3561 Rev 1.00
Page 8 of 9
September 1995
HCS157MS
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 1999. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Propagation Delay Timing Diagram and
Load Circuit
Transition Timing Diagram
Die Characteristics
DIE DIMENSIONS:
84 x 84 mils
METALLIZATION:
Type: SiAl
Metal Thickness: 11k
Å 1kÅ
VS
INPUT
OUTPUT
VIH
VSS
VOH
VOL
TPLH
TPHL
VS
DUT
TEST
RL
POINT
CL = 50pF
RL = 500
CL
VOLTAGE LEVELS
PARAMETER
HCS
UNITS
VCC
4.50
V
VIH
4.50
V
VS
2.25
V
VIL
0
V
GND
0
V
OUTPUT
TTHL
80%
20%
80%
20%
VOH
VOL
TTLH



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com