| Electronic Components Datasheet Search |
|
IDT72255LA Datasheet(PDF) 14 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
IDT72255LA Datasheet(HTML) 14 Page - Renesas Technology Corp |
|
14 / 28 page ![]() 14 IDT72255LA/72265LA CMOS SuperSync FIFO™ 8,192 x 18 and 16,384 x 18 COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES that shifts the last word from the FIFO memory to the outputs. OR goes HIGH only with a true read (RCLK with REN = LOW). The previous data stays at the outputs, indicating the last word was read. Further data reads are inhibited until OR goes LOW again. See Figure 10, Read Timing (FWFT Mode), for the relevant timing information. EF/OR is synchronous and updated on the rising edge of RCLK. In IDT Standard mode, EF is a double register-buffered output. In FWFT mode, OR is a triple register-buffered output. PROGRAMMABLE ALMOST-FULL FLAG (PAF) The Programmable Almost-Full flag (PAF) will go LOW when the FIFO reaches the almost-full condition. In IDT Standard mode, if no reads are performed after reset (MRS), PAF will go LOW after (D - m) words are written to the FIFO. The PAF will go LOW after (8,192-m) writes for the IDT72255LA and (16,384-m) writes for the IDT72265LA. The offset “m” is the full offset value. The default setting for this value is stated in the footnote of Table 1. In FWFT mode, the PAF will go LOW after (8,193-m) writes for the IDT72255LA and (16,385-m) writes for the IDT72265LA, where m is the full offset value. The default setting for this value is stated in the footnote of Table 2. See Figure 16, Programmable Almost-Full Flag Timing (IDT Standard and FWFT Mode), for the relevant timing information. PAF is synchronous and updated on the rising edge of WCLK. PROGRAMMABLE ALMOST-EMPTY FLAG (PAE) The Programmable Almost-Empty flag (PAE) will go LOW when the FIFO reaches the almost-empty condition. In IDT Standard mode, PAE will go LOW when there are n words or less in the FIFO. The offset “n” is the empty offset value. The default setting for this value is stated in the footnote of Table 1. In FWFT mode, the PAE will go LOW when there are n+1 words or less in the FIFO. The default setting for this value is stated in the footnote of Table 2. See Figure 17, Programmable Almost-Empty Flag Timing (IDT Stan- dard and FWFT Mode), for the relevant timing information. PAE is synchronous and updated on the rising edge of RCLK. HALF-FULL FLAG (HF) This output indicates a half-full FIFO. The rising WCLK edge that fills the FIFO beyond half-full sets HF LOW. The flag remains LOW until the differ- ence between the write and read pointers becomes less than or equal to half of the total depth of the device; the rising RCLK edge that accomplishes this condition sets HF HIGH. In IDT Standard mode, if no reads are performed after reset (MRS or PRS), HF will go LOW after (D/2 + 1) writes to the FIFO, where D = 8,192 for the IDT72255LA and 16,384 for the IDT72265LA. In FWFT mode, if no reads are performed after reset (MRS or PRS), HF will go LOW after (D-1/2 + 2) writes to the FIFO, where D = 8,193 for the IDT72255LA and 16,385 for the IDT72265LA. See Figure 18, Half-Full Flag Timing (IDT Standard and FWFT Modes), for the relevant timing information. Because HF is updated by both RCLK and WCLK, it is considered asynchronous. DATA OUTPUTS (Q0-Q17) (Q0 - Q17) are data outputs for 18-bit wide data. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |