Electronic Components Datasheet Search
  English  ▼

X  

2N4416 Datasheet(PDF) 1 Page - InterFET Corporation

Part # 2N4416
Description  N-Channel Silicon Junction Field-Effect Transistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERFET [InterFET Corporation]
Direct Link  http://www.interfet.com
Logo INTERFET - InterFET Corporation

2N4416 Datasheet(HTML) 1 Page - InterFET Corporation

  2N4416 Datasheet HTML 1Page - InterFET Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-14
01/99
2N4416, 2N4416A
N-Channel Silicon Junction Field-Effect Transistor
¥ Mixers
¥ VHF Amplifiers
Absolute maximum ratings at TA = 25¡C
Reverse Gate Source & Reverse Gate Drain Voltage
2N4416
– 30 V
2N4416A
– 35 V
Gate Current
10 mA
10 mA
Continuous Device Dissipation
300 mW
300 mW
Power Derating
2 mW°C
2 mW/°C
TOÐ72 Package
See Section G for Outline Dimensions
Pin Configuration
1 Source, 2 Drain, 3 Gate, 4 Case
Surface Mount
SMP4416, SMP4416A
Note: rf parameters guaranteed, but not 100% tested.
At 25°C free air temperature:
2N4416
2N4416A
Process NJ26
Static Electrical Characteristics
Min
Max
Min
Max
Unit
Test Conditions
Gate Source Breakdown Voltage
V(BR)GSS
– 30
– 35
V
IG = – 1µA, VDS = ØV
Gate Reverse Current
IGSS
– 0.1
– 0.1
nA
VGS = – 20V, VDS = ØV
– 0.1
– 0.1
µA
VGS = – 20V, VDS = ØV
TA = 150°C
Gate Source Cutoff Voltage
VGS(OFF)
– 6
– 2.5
– 6
V
VDS = 15V, ID = 1 nA
Drain Saturation Current (Pulsed)
IDSS
515515
mA
VDS = 15V, VGS = ØV
Dynamic Electrical Characteristics
Common Source
gfs
4500 7500 4500 7500
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Forward Transconductance
4000
4000
µS
VDS = 15V, VGS = ØV
f = 400 MHz
Common Source
50
50
µS
VDS = 15V, VGS = ØV
f = 1 kHz
Output Conductance
gos
75
75
µS
VDS = 15V, VGS = ØV
f = 100 MHz
100
100
µS
VDS = 15V, VGS = ØV
f = 400 MHz
Common Source Input Capacitance
Ciss
44
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source Output Capacitance
Coss
22
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Common Source
Crss
0.8
0.8
pF
VDS = 15V, VGS = ØV
f = 1 MHz
Reverse Transfer Capacitance
Common Source
gis
100
100
µS
VDS = 15V, VGS = ØV
f = 100 MHz
Input Conductance
1000
1000
µS
VDS = 15V, VGS = ØV
f = 400 MHz
Common Source
bis
2500
2500
µS
VDS = 15V, VGS = ØV
f = 100 MHz
Input Susceptance
10000
10000
µS
VDS = 15V, VGS = ØV
f = 400 MHz
Common Source
bos
1000
1000
µS
VDS = 15V, VGS = ØV
f = 100 MHz
Output Susceptance
4000
4000
µS
VDS = 15V, VGS = ØV
f = 400 MHz
Common Source
Gps
18
18
dB
VDS = 15V, ID = 5mA
f = 100 MHz
Power Gain
10
10
dB
VDS = 15V, ID = 5mA
f = 400 MHz
Noise Figure
NF
22
dB
VDS = 15V, ID = 5mA
f = 100 MHz
44
dB
RG = 1kΩ
f = 400 MHz
1000 N. Shiloh Road, Garland, TX 75042
(972) 487-1287 FAX (972) 276-3375
www.interfet.com
Databook.fxp
1/14/99 11:30 AM
Page B-14


Similar Part No. - 2N4416

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N4416 FAIRCHILD-2N4416 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
logo
Calogic, LLC
2N4416 CALOGIC-2N4416 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Micro Electronics
2N4416 MICRO-ELECTRONICS-2N4416 Datasheet
140Kb / 1P
N-CHANNEL FET
logo
Linear Integrated Syste...
2N4416 LINEAR-2N4416 Datasheet
237Kb / 2P
N-CHANNEL JFET HIGH FREQUENCY AMPLIFIER
logo
List of Unclassifed Man...
2N4416 ETC1-2N4416 Datasheet
43Kb / 1P
N-Channel JFETs
More results

Similar Description - 2N4416

ManufacturerPart #DatasheetDescription
logo
InterFET Corporation
2N3821 INTERFET-2N3821 Datasheet
94Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J232 INTERFET-J232 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J110 INTERFET-J110 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF4501 INTERFET-IF4501 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IF1801 INTERFET-IF1801 Datasheet
91Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
IFN5432 INTERFET-IFN5432 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J112 INTERFET-J112 Datasheet
98Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
J304 INTERFET-J304 Datasheet
100Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
U309 INTERFET-U309 Datasheet
99Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
U311 NJSEMI-U311 Datasheet
92Kb / 1P
N-Channel Silicon Junction Field-Effect Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com