Electronic Components Datasheet Search
  English  ▼

X  

5LP01N Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 5LP01N
Description  P-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5LP01N Datasheet(HTML) 1 Page - Sanyo Semicon Device

  5LP01N Datasheet HTML 1Page - Sanyo Semicon Device 5LP01N Datasheet HTML 2Page - Sanyo Semicon Device 5LP01N Datasheet HTML 3Page - Sanyo Semicon Device 5LP01N Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
5LP01N
No.6620-1/4
Ultrahigh-Speed Switching Applications
P-Channel Silicon MOSFET
Features
•
Low ON-resistance.
•
Ultrahigh-speed switching.
•
2.5V drive.
Specifications
Absolute Maximum Ratings at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--50
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--0.07
A
Drain Current (Pulse)
IDP
PW
≤10µs, duty cycle≤1%
--0.28
A
Allowable Power Dissipation
PD
0.4
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0
--50
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--50V, VGS=0
10
µA
Gate-to-Sourse Leakage Current
IGSS
VGS=±8V, VDS=0
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--100µA
--0.4
--1.4
V
Marking : XB
Continued on next page.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN6620
5LP01N
Package Dimensions
unit : mm
2178
[5LP01N]
91400 TS IM TA-1954
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
1 : Source
2 : Drain
3 : Gate
SANYO : NP
5.0
4.0
0.5
0.45
0.45
4.0
0.44
1.3
1.3
12
3


Similar Part No. - 5LP01N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
5LP01C SANYO-5LP01C Datasheet
27Kb / 4P
Ultrahigh-Speed Switching Applications
5LP01C SANYO-5LP01C Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
5LP01C SANYO-5LP01C Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
5LP01C SANYO-5LP01C Datasheet
42Kb / 4P
General-Purpose Switching Device Applications
logo
ON Semiconductor
5LP01C ONSEMI-5LP01C Datasheet
267Kb / 6P
P-Channel Small Signal MOSFET
July, 2013
More results

Similar Description - 5LP01N

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW250 SANYO-FW250 Datasheet
30Kb / 4P
N-Channl Silicon MOSFET Ultrahigh-Speed Switching Applications
FTD7003 SANYO-FTD7003 Datasheet
29Kb / 4P
P-Channel Silicon MOSFET High-Speed Switching Applications
CPH3318 SANYO-CPH3318 Datasheet
46Kb / 4P
P-Channel Silicon MOSFET(Ultrahigh-Speed Switching Applications)
3LP02M SANYO-3LP02M Datasheet
56Kb / 4P
P-Channel Silicon MOSFET (Ultrahigh-Speed Switching Applications)
MCH3445 SANYO-MCH3445 Datasheet
46Kb / 3P
Ultrahigh-Speed Switching Applications
ECH8401 SANYO-ECH8401 Datasheet
45Kb / 4P
N-Channel Silicon MOSFET Ultrahigh-Speed Switching Applications
CPH6412 SANYO-CPH6412 Datasheet
37Kb / 4P
Ultrahigh-Speed Switching Applications
FTS1011 SANYO-FTS1011 Datasheet
31Kb / 4P
Ultrahigh-Speed Switching Applications
MCH3319 SANYO-MCH3319 Datasheet
33Kb / 4P
Ultrahigh-Speed Switching Applications
FW513 SANYO-FW513 Datasheet
326Kb / 5P
MOSFET : N-Channel Silicon MOSFET FRD : Ultrahigh-Speed Switching Diode Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com