Electronic Components Datasheet Search
  English  ▼

X  

AD5384BBC-3 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5384BBC-3
Description  32-Channel, 14-Bit, Parallel and Serial Input, Bipolar Voltage Output DAC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5384BBC-3 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5384BBC-3 Datasheet HTML 15Page - Analog Devices AD5384BBC-3 Datasheet HTML 16Page - Analog Devices AD5384BBC-3 Datasheet HTML 17Page - Analog Devices AD5384BBC-3 Datasheet HTML 18Page - Analog Devices AD5384BBC-3 Datasheet HTML 19Page - Analog Devices AD5384BBC-3 Datasheet HTML 20Page - Analog Devices AD5384BBC-3 Datasheet HTML 21Page - Analog Devices AD5384BBC-3 Datasheet HTML 22Page - Analog Devices AD5384BBC-3 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Preliminary Technical Data
AD5378
Rev. PrA | Page 19 of 28
VBIAS FUNCTION
The AD5378 on-chip voltage generator provides a bias voltage
of 4.25 V (min). The VBIAS pin is provided for bypassing and
overdriving purposes only. It is not intended to be used as a
supply or a reference. If VREF(+) > 4.25 V, VBIAS must be pulled
high externally to an equal or higher potential such as 5 V. The
external voltage source should be capable of driving a 50 µA
(typical) current sink load.
REFERENCE SELECTION
The voltages applied to VREF(+) and VREF(−) determine the
output voltage range and span on VOUT0 to VOUT31. If the
offset and gain features are not used (m and c are left at their
power-on values), the reference levels required can be
calculated as follows:
VREF(+)min = (VOUTmax − VOUTmin)/3.5
VREF(−)max = (AGND + VOUTmin)/2.5
If the offset and gain features of the AD5378 are used, the
output range required is slightly different. The output range
chosen should take into account the offset and gain errors that
need to be trimmed out. Therefore, the output range should be
larger than the actual required range.
The reference levels required can be calculated as follows:
1.
Identify the nominal output range on VOUT.
2.
Identify the maximum offset span and the maximum gain
required on the full output signal range.
3.
Calculate the new maximum output range on VOUT,
including the maximum offset and gain errors expected.
4.
Choose the new VOUTmax and VOUTmin required, keeping
the new VOUT limits centered on the nominal values and
assuming REFGND is 0 V (or equal to AGND). VDD and
VSS must provide sufficient headroom.
5.
Calculate the values of VREF(+) and VREF(−) as follows:
VREF(+)min = (VOUTmax − VOUTmin)/3.5
VREF(−)max = (AGND + VOUTmin)/2.5
In addition, when using reference values other than those
suggested (VREF(+) = 5 V and VREF(−) = −3.5 V), the expected
offset error component changes as follows:
VOFFSET = 0.125 × (VREF(−)A + 0.7 × VREF(+)A)
where:
VREF(−)A is the new negative reference value.
VREF(+)A is the new positive reference value.
If this offset error too large to calibrated out, it is possible to
adjust the negative reference value to account for this by using
the following equation:
VREF(−)NEW = VREF(−)A − VOFFSET/2.625
Reference Selection Example
Nominal Output Range = 10 V; (−2 V to +8 V)
Offset Error = ±100 mV
Gain Error = ±3%
REFGND = AGND = 0 V
1.
Gain Error = ±3%;
=> Maximum Positive Gain Error = +3%
=> Output Range including Gain Error =
10 + 0.03 (10) = 10.3 V
2.
Offset Error = ±100 mV;
=> Maximum Offset Error Span = 2(100) mV = 0.2 V
=> Output Range including Gain Error and Offset Error =
10.3 + 0.2 = 10.5 V
3.
VREF(+) and VREF(−) Calculation:
Actual Output Range = 10.5 V, that is, −2.25 V to +8.25 V
(centered);
=> VREF(+) = (8.25 + 2.25)/3.5 = 3 V and
VREF(−) = −2.25/2.5 = −0.9 V
If the solution yields inconvenient reference levels, the user can
adopt one of these approaches:
•
Use a resistor divider to divide down a convenient, higher
reference level to the required level.
•
Select convenient reference levels above VREF(+)min or below
VREF(−)max. Modify the gain and offset registers to downsize
the references digitally. In this way, the user can use almost
any convenient reference level, but can reduce performance
by overcompaction of the transfer function.
•
Use a combination of these two approaches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com