Electronic Components Datasheet Search
  English  ▼

X  

LN80C52 Datasheet(PDF) 13 Page - Intel Corporation

Part # LN80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LN80C52 Datasheet(HTML) 13 Page - Intel Corporation

Back Button LN80C52 Datasheet HTML 9Page - Intel Corporation LN80C52 Datasheet HTML 10Page - Intel Corporation LN80C52 Datasheet HTML 11Page - Intel Corporation LN80C52 Datasheet HTML 12Page - Intel Corporation LN80C52 Datasheet HTML 13Page - Intel Corporation LN80C52 Datasheet HTML 14Page - Intel Corporation LN80C52 Datasheet HTML 15Page - Intel Corporation LN80C52 Datasheet HTML 16Page - Intel Corporation LN80C52 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
8XC525458
EXTERNAL MEMORY CHARACTERISTICS (Continued)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
33 MHz
Variable
Min
Max
Min
Max
Min
Max
Min
Max
TLLPL
ALE Low to
PSEN Low
8XC5X-24
53
12
TCLCL b 30
ns
8XC5X-33
5
TCLCL b 25
ns
TPLPH
PSEN Pulse
205
80
46
3 TCLCL b 45
ns
Width
TPLIV
PSEN Low to
Valid
Instruction In
8XC5X
145
3 TCLCL b 105
ns
8XC5X-24
35
3 TCLCL b 90
ns
8XC5X-33
35
3 TCLCL b 55
ns
TPXIX
Input
0
0
0
0
ns
Instruction
Hold After
PSEN
TPXIZ
Input
Instruction
Float After
PSEN
8XC5X
59
TCLCL b 25
ns
8XC5X-24
21
TCLCL b 20
ns
8XC5X-33
5
TCLCL b 25
ns
TAVIV
Address to
Valid
Instruction In
8XC5X-24
312
103
5 TCLCL b 105
ns
8XC5X-33
71
5 TCLCL b 80
ns
TPLAZ
PSEN Low to
10
10
10
10
ns
Address
Float
TRLRH
RD Pulse
400
150
82
6 TCLCL b 100
ns
Width
TWLWH
WR Pulse
400
150
82
6 TCLCL b 100
ns
Width
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com