Electronic Components Datasheet Search
  English  ▼

X  

S80C52 Datasheet(PDF) 11 Page - Intel Corporation

Part # S80C52
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80C52 Datasheet(HTML) 11 Page - Intel Corporation

Back Button S80C52 Datasheet HTML 7Page - Intel Corporation S80C52 Datasheet HTML 8Page - Intel Corporation S80C52 Datasheet HTML 9Page - Intel Corporation S80C52 Datasheet HTML 10Page - Intel Corporation S80C52 Datasheet HTML 11Page - Intel Corporation S80C52 Datasheet HTML 12Page - Intel Corporation S80C52 Datasheet HTML 13Page - Intel Corporation S80C52 Datasheet HTML 14Page - Intel Corporation S80C52 Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
8XC525458
272336 – 9
All other pins disconnected
TCLCH e TCHCL e 5ns
Figure 7 ICC Test Condition Idle Mode
272336 – 10
All other pins disconnected
Figure 8 ICC Test Condition Power Down Mode
VCC e 20V to 60V
272336 – 11
Figure 9 Clock Signal Waveform for ICC Tests in Active and Idle Modes TCLCH e TCHCL e 5ns
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com