Electronic Components Datasheet Search
  English  ▼

X  

HCTS299MS Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HCTS299MS
Description  Radiation Hardened 8-Bit Universal Shift Register; Three-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HCTS299MS Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HCTS299MS Datasheet HTML 4Page - Renesas Technology Corp HCTS299MS Datasheet HTML 5Page - Renesas Technology Corp HCTS299MS Datasheet HTML 6Page - Renesas Technology Corp HCTS299MS Datasheet HTML 7Page - Renesas Technology Corp HCTS299MS Datasheet HTML 8Page - Renesas Technology Corp HCTS299MS Datasheet HTML 9Page - Renesas Technology Corp HCTS299MS Datasheet HTML 10Page - Renesas Technology Corp HCTS299MS Datasheet HTML 11Page - Renesas Technology Corp HCTS299MS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HCTS299MS
FN3069 Rev 1.00
Page 11 of 12
August 1995
Three-State Low Timing Diagrams
Three-State High Timing Diagrams
Three-State Low Load Circuit
Three-State High Load Circuit
Three-State LOW VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
0.90
V
VIL
0
V
GND
0
V
Three-State HIGH VOLTAGE LEVELS
PARAMETER
HCTS
UNITS
VCC
4.50
V
VIH
3.00
V
VS
1.30
V
VT
1.30
V
VW
3.60
V
VIL
0
V
GND
0
V
VS
INPUT
OUTPUT
VIH
VIL
VOZ
VOL
TPZL
TPLZ
VT
VW
VS
INPUT
OUTPUT
VIH
VIL
VOH
VOZ
TPZH
TPHZ
VT
VW
DUT
TEST
CL
RL
POINT
CL = 50pF
RL = 500
VCC
DUT
TEST
RL
POINT
CL = 50pF
RL = 500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com