Electronic Components Datasheet Search
  English  ▼

X  

HA5022EVAL Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA5022EVAL
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA5022EVAL Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA5022EVAL Datasheet HTML 6Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 7Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 8Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 9Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 10Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 11Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 12Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 13Page - Renesas Technology Corp HA5022EVAL Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
FIGURE 22. FREQUENCY RESPONSE
FIGURE 23. FREQUENCY RESPONSE
FIGURE 24. FREQUENCY RESPONSE FOR VARIOUS
OUTPUT VOLTAGES
FIGURE 25. FREQUENCY RESPONSE FOR VARIOUS
OUTPUT VOLTAGES
FIGURE 26. FREQUENCY RESPONSE FOR VARIOUS
OUTPUT VOLTAGES
FIGURE 27. FULL POWER BANDWIDTH
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified (Continued)
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = +1, CH2
VOUT = 200mVP-P
GAIN
PHASE
AV = +1, CH1
AV = -1
AV = -1
AV = +1
BOTH CHANNELS SHOWN
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = +2, CH2
AV = +2, CH1
AV = +5
VOUT = 200mVP-P
AV = +2
GAIN
PHASE
AV = +10
2
AV = +5
2
AV = +10
BOTH CHANNELS SHOWN
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = +2
VOUT = 1VP-P, CH2
VOUT = 2.5VP-P
GAIN
PHASE
VOUT = 1VP-P, CH1
VOUT = 1VP-P
VOUT = 4VP-P
BOTH CHANNELS SHOWN
VOUT = 2.5VP-P
VOUT = 4VP-P
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
0
90
180
270
360
AV = +1
VOUT = 1VP-P
VOUT = 1VP-P
VOUT = 4VP-P
GAIN
PHASE
VOUT = 4VP-P
VOUT = 2.5VP-P
VOUT = 2.5VP-P
BOTH CHANNELS SHOWN
FREQUENCY (MHz)
1
10
100
1000
3
-3
-6
0
90
180
270
360
AV = -1
VOUT = 1VP-P
VOUT = 4VP-P
GAIN
PHASE
VOUT = 2.5VP-P
VOUT = 1VP-P
VOUT = 2.5VP-P
VOUT = 4VP-P
BOTH CHANNELS SHOWN
FREQUENCY (MHz)
1
10
100
1000
3
0
-3
-6
-9
AV = +1, VOUT = 4VP-P
AV = +2, VOUT = 5VP-P
AV = -1, VOUT = 5VP-P
BOTH CHANNELS SHOWN
HFA1245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com