Electronic Components Datasheet Search
  English  ▼

X  

HFA1412IPZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HFA1412IPZ
Description  Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HFA1412IPZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HFA1412IPZ Datasheet HTML 1Page - Renesas Technology Corp HFA1412IPZ Datasheet HTML 2Page - Renesas Technology Corp HFA1412IPZ Datasheet HTML 3Page - Renesas Technology Corp HFA1412IPZ Datasheet HTML 4Page - Renesas Technology Corp HFA1412IPZ Datasheet HTML 5Page - Renesas Technology Corp HFA1412IPZ Datasheet HTML 6Page - Renesas Technology Corp HFA1412IPZ Datasheet HTML 7Page - Renesas Technology Corp HFA1412IPZ Datasheet HTML 8Page - Renesas Technology Corp HFA1412IPZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HFA1412
FN4152 Rev 4.00
Page 2 of 13
January 23, 2006
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Output Current (Note 1) . . . . . . . . . . . . . . . . Short Circuit Protected
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . .600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Thermal Resistance (Typical, Note 2)
JA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Junction Temperature (Die). . . . . . . . . . . . . . . . . . . 175°C
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C
to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC-Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Output is protected for short circuits to ground. Brief short circuits to ground will not degrade reliability, however, continuous (100% duty cycle)
output current should not exceed 30mA for maximum reliability.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = 5V, AV = +1, RL = 100 Unless Otherwise Specified.
PARAMETER
TEST
CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP
(°C)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Output Offset Voltage
A
25
-
2
10
mV
AFull
-
3
15
mV
Average Output Offset Voltage Drift
B
Full
-
22
70
V/°C
Channel-to-Channel Output Offset
Voltage Mismatch
A
25
-
-
15
mV
AFull
-
-
30
mV
Common-Mode Rejection Ratio
VCM = 1.8V
A
25
42
45
-
dB
VCM = 1.8V
A
85
40
44
-
dB
VCM = 1.2V
A
-40
40
45
-
dB
Power Supply Rejection Ratio
VPS = 1.8V
A
25
45
49
-
dB
VPS = 1.8V
A
85
43
48
-
dB
VPS = 1.2V
A
-40
43
48
-
dB
Non-Inverting Input Bias Current
A
25
-
1
15
A
AFull
-
3
25
A
Non-Inverting Input Bias Current Drift
B
Full
-
30
80
nA/
°C
Channel-to-Channel Non-Inverting Input
Bias Current Mismatch
A
25
-
-
15
A
AFull
-
-
25
A
Non-Inverting Input Bias Current Power
Supply Sensitivity
VPS = 1.25V
A
25
-
0.5
1
A/V
AFull
-
-
3
A/V
Non-Inverting Input Resistance
VCM = 1.8V
A
25
0.8
1.1
-
M
VCM = 1.8V
A
85
0.5
1.4
-
M
VCM = 1.2V
A
-40
0.5
1.3
-
M
Inverting Input Resistance
C
25
-
425
-
Input Capacitance (either input)
C
25
-
2
-
pF
Input Voltage Common Mode Range
(Implied by VIO CMRR and +RIN tests)
A
25, 85
1.8
2.4
-
V
A-40
1.2
1.7
-
V
Input Noise Voltage Density (Note 4)
f = 100kHz
B
25
-
7
-
nV/
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com