Electronic Components Datasheet Search
  English  ▼

X  

HIP0045 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HIP0045
Description  1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0045 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HIP0045 Datasheet HTML 1Page - Renesas Technology Corp HIP0045 Datasheet HTML 2Page - Renesas Technology Corp HIP0045 Datasheet HTML 3Page - Renesas Technology Corp HIP0045 Datasheet HTML 4Page - Renesas Technology Corp HIP0045 Datasheet HTML 5Page - Renesas Technology Corp HIP0045 Datasheet HTML 6Page - Renesas Technology Corp HIP0045 Datasheet HTML 7Page - Renesas Technology Corp HIP0045 Datasheet HTML 8Page - Renesas Technology Corp HIP0045 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HIP0045
FN4047 Rev 12.00
Page 5 of 10
Apr 1999
Data Valid Time, SCK to Data at MISO Valid
tV
VCC = 5V 0.1V
-
-
100
ns
Time for SCK Low before CE Low (SCK Setup Time
before CE High to Low Change)
tSCK_LEAD
100
-
-
ns
Time for SCK High after CE High
tSCK_LAG
150
-
-
ns
CE Pulse Filter Time
-
Note 9
-
ns
NOTES:
7. The MOSFET Output Drain is internally clamped with a Drain-to-Gate zener diode that turns-on the MOSFET; holding the Drain at the Output
Clamp Voltage, VOC.
8. The measurement of Output Leakage Current includes the Output Pull-Down Current, ISK. Each Output has a Current Pull-Down which is used
to detect open load fault conditions.
9. The digital filter time for the output latch function determines if the output latch function will be enabled. The output latch function will only be
enabled if a positive CE slope occurs after 8 SCK clock cycles or a multiple of 8 SCK cycles since the last CE negative slope change.
Serial Peripheral Interface Timing (MOSI, MISO Load Capacitor = 100pF, See Figure 1)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Timing Diagrams
FIGURE 1A. DATA AND CLOCK TIMING DIAGRAM
FIGURE 1B. SPI TIMING DIAGRAM
CE
SCK
MSB
6
5
4
3
2
1
LSB
(CPOL = 0, CPHA = 1)
INTERNAL STROBE FOR DATA CAPTURE
CE
(INPUT)
SCK
(INPUT)
MISO
(OUTPUT)
MOSI
(INPUT)
DRIVER
OUTPUT
HIGH
Z
LAST BIT
TRANSMITTED
D7O
D6O
D0O
D7I
D6I
D0I
OLD
FAULT-INDUCED
TURN-OFF
tDON
tDOFF
tDF
tDIS
tV
tLAG
tH
tSU
tWSCKL
tWSCKH
tLEAD
tEN
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com