Electronic Components Datasheet Search
  English  ▼

X  

HIP0045AB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP0045AB
Description  1A/50V Octal Low Side Power Driver With Serial Bus Control and Fault Protection
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0045AB Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP0045AB Datasheet HTML 1Page - Renesas Technology Corp HIP0045AB Datasheet HTML 2Page - Renesas Technology Corp HIP0045AB Datasheet HTML 3Page - Renesas Technology Corp HIP0045AB Datasheet HTML 4Page - Renesas Technology Corp HIP0045AB Datasheet HTML 5Page - Renesas Technology Corp HIP0045AB Datasheet HTML 6Page - Renesas Technology Corp HIP0045AB Datasheet HTML 7Page - Renesas Technology Corp HIP0045AB Datasheet HTML 8Page - Renesas Technology Corp HIP0045AB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HIP0045
FN4047 Rev 12.00
Page 4 of 10
Apr 1999
Open Load Threshold Voltage
VREF
Open Load Fault Condition, Fault Detected If
VOUT < VREF
0.32 x
VCC
-0.4x
VCC
V
Open Load Pull-Down Current
ISK
No Load, VOUT = VBATT = 16V
20
-
100
A
Over-Current Shutdown Threshold, OUT0 - 5
ISC
VCC = 5V
1.05
1.4
2
A
Short Circuit Current Limit, OUT6, 7
ILIM
VCC = 5V
1.05
1.4
1.75
A
Short Circuit Shutdown Delay, OUT0 - 5
tSC
0.2
-
12
s
Disable Fault Detection Time, Channel IN0,
IN1 After Input Switch Transition
tDF
15
-
50
s
Over-Temperature Detection Threshold
TOFF
155
165
175
oC
LOGIC INPUTS (IN0, IN1, MOSI, SCK, RESET, CE)
Threshold Voltage at Falling Edge
VT-0.2xVCC
--
V
Threshold Voltage at Rising Edge
VT+-
-
0.7xVCC
V
Hysteresis Voltage
VH
VT+ - VT-0.65
-
-
V
Input Current
IIN
VIN = VCC
--
+10
A
Input Pull-Up Resistance
RIN
50
80
200
k
Input Capacitance
CIN
-
-
10
pF
Input Frequency, IN0, IN15
fIN
DC
-
2
kHz
Active Supply Range for Reset State
Change at RESET Pin
VHC-
C_RST
RESET Pin Forced Reset. (Note: Normal VCC
Functional Operating Range is 4.0V to 5.5V)
3.1
-
5.5
V
Low VCC Active Reset Threshold
VLCC_RST Low VCC Forced Reset, (Low Voltage Reset
Active for 0 < VCC < VLCC_RST)
3.1
-
4
V
LOGIC OUTPUT (MISO)
Data Output LOW Voltage
VSOL
ISO = -3.2mA
-
0.2
0.4
V
Data Output HIGH Voltage
VSOH
ISO = -4mA
VCC -
0.4V
--
V
Output Three-State Leakage Current
ISOL
CE = High, 0V
VSO VCC
-10
-
+10
A
Output Capacitance
CSO
fOPER = 3MHz
-
-
10
pF
Electrical Specifications
VCC = 4.5V to 5.5V, TA = -40oC to 125oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Serial Peripheral Interface Timing (MOSI, MISO Load Capacitor = 100pF, See Figure 1)
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNITS
Clock Frequency, 50% Duty Cycle
fCLK
3-
-
MHz
Enable Lead Time
(SCK Change Low to High after CE = Low)
tLEAD
100
-
-
ns
Enable Lag Time
(Time for SCK Low before CE goes High)
tLAG
150
-
-
ns
Minimum Time SCK = High
tWSCKH
160
-
-
ns
Minimum Time SCK = Low
tWSCKL
160
-
-
ns
Data Setup Time (SCK Change from High to Low
after MOSI Data Valid)
tSU
20
-
-
ns
Data Hold Time (MOSI Data Hold Time SCK
Change from High to Low)
tH
-20
ns
Enable Time from CE = Low to Data at MISO
tEN
-
-
100
ns
Disable Time
(Time for CE Low to High to Output Data Float)
tDIS
-
-
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com