Electronic Components Datasheet Search
  English  ▼

X  

HIP0051IB Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIP0051IB
Description  0.25A/50V Octal Low Side Power Driver with Serial Bus Control
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0051IB Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIP0051IB Datasheet HTML 1Page - Renesas Technology Corp HIP0051IB Datasheet HTML 2Page - Renesas Technology Corp HIP0051IB Datasheet HTML 3Page - Renesas Technology Corp HIP0051IB Datasheet HTML 4Page - Renesas Technology Corp HIP0051IB Datasheet HTML 5Page - Renesas Technology Corp HIP0051IB Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FN4155 Rev.0.00
Page 2 of 6
June 1996
HIP0051
Absolute Maximum Ratings
Thermal Information
Output Voltage, VOUT (Note 1) . . . . . . . . . . . . . . . . . . . -0.3V to 40V
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VCC + 0.3V
Logic Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Output Clamp Energy, 25oC (5ms Pulse) . . . . . . . . . . . . . . . . 75mJ
Continuous Output Load Current, ILOAD (Each Output) . . . . . .0.25A
Continuous Output Current, ILOAD (All Outputs ON, Note 2) . .1.69A
Peak Output Current
Each Output, Other Outputs OFF . . . . . . . . . . . . . . . . . . . . . .
2A
Peak Avalanche Current (3ms duration) . . . . . . . . . . . . . . . . . . 1A
Operating Conditions
Operating Ambient Temperature Range, TA . . . . . . . . -40oC to 85oC
Operating Logic Supply Voltage Range, VCC . . . . . +4.5V to +5.5V
Power Output Driver Voltage Range. . . . . . . . . . . . . . . . . . 0 to VOC
Max. Supply Current, with 100mA each Output . . . . . . . . . . . 100
A
Max. Supply Current, with No Load, Outputs OFF . . . . . . . . . 100
A
Logic Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.7xVCC
Logic Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . .0.2xVCC
Typical Output RDSON Channel Resistance . . . . . . . . . . . . . . . . . 2
Typical Output Rise Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
s
Typical Output Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
s
Thermal Resistance (Typical, Note 3)
JA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
100
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range, TSTG. . . . . -55oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. The MOSFET Output Drain is internally clamped with a Drain-to-Gate zener diode that turns-on the MOSFET; holding the Drain at the
Output Clamp voltage VOC.
2. The maximum continuous current with all outputs on is limited by package dissipation. At 25oC ambient temperature, the maximum equal
current with all outputs ON is 211mA in each output for a total of 1.69A. At a maximum ambient temperature of TA = 85oC and rDSON(Max)
= 3.5
, each output is limited to 152mA and the total current for all 8 outputs ON is 8 x 152mA = 1.22A.
3.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VCC = 4.5V to 5.5V, VBATT = 8V to 16V, TA = -40oC to 85oC, Unless Otherwise Specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OUTPUTS DRIVERS (DR0 TO DR7)
Output Channel Resistance
rDS(ON)
Output Current = 200mA, TA =85oC2
3.5
Output Clamping Voltage
VOC
Outputs OFF
425058
V
Output Clamping Energy
EOC
5ms Pulse, TA = 25oC
75
190
mJ
Peak Output Load Currents,
Short Duration
IPEAK
100
s Duration, Each Output, all
Outputs ON, Duty Cycle
 2%
0.85
-
-
A
Cold Start-up Lamp Currents
ILAMP
5ms Duration, Each Output, all
Outputs ON, Duty Cycle
 17%
0.3
-
-
A
Output OFF Leakage Current
IOFF
Output Voltage = 40V, TA =85oC-
-0.2
10
A
Output Rise Time
trise
Load = 75
, 0.01F (RC in Parallel),
VBATT = 18V
0.5
4
30
s
Output Fall Time
tfall
0.5
10
30
s
Output Delay from Strobe, High to
Low Output Transition
tDHL
14
10
s
Output Delay from Strobe, Low to
High Output Transition
tDLH
0.2
2.6
10
s
LOGIC SUPPLY
Logic Supply Current, Loaded
ICC
All Outputs ON, 200mA Load at each
Output
-
-
100
A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com