Electronic Components Datasheet Search
  English  ▼

X  

BAP64-05 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAP64-05
Description  Silicon PIN diode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAP64-05 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAP64-05 Datasheet HTML 1Page - NXP Semiconductors BAP64-05 Datasheet HTML 2Page - NXP Semiconductors BAP64-05 Datasheet HTML 3Page - NXP Semiconductors BAP64-05 Datasheet HTML 4Page - NXP Semiconductors BAP64-05 Datasheet HTML 5Page - NXP Semiconductors BAP64-05 Datasheet HTML 6Page - NXP Semiconductors BAP64-05 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1999 Jun 16
3
Philips Semiconductors
Preliminary specification
Silicon PIN diode
BAP64-05
ELECTRICAL CHARACTERISTICS
Tj = 25
°C unless otherwise specified.
Note
1.
Guaranteed on AQL basis: inspection level S4, AQL 1.0.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Per diode
VF
forward voltage
IF =50mA
−
0.95
1.1
V
IR
reverse leakage current
VR = 175 V
−−
10
µA
VR =20V
−−
1
µA
Cd
diode capacitance
VR =0; f = 1MHz
−
0.52
−
pF
VR =1V; f=1MHz
−
0.37
0.5
pF
VR =20V; f=1MHz
−
0.23
0.35
pF
rD
diode forward resistance
IF = 0.5 mA; f = 100 MHz; note 1
−
20
40
Ω
IF = 1 mA; f = 100 MHz; note 1
−
10
20
Ω
IF = 10 mA; f = 100 MHz; note 1
−
23.8
Ω
IF = 100 mA; f = 100 MHz; note 1
−
0.7
1.35
Ω
τL
charge carrier life time
when switched from IF =10mA to
IR =6 mA; RL = 100
Ω;
measured at IR =3mA
−
1.55
−µs
LS
series inductance
−
1.4
−
nH
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
220
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com