Electronic Components Datasheet Search
  English  ▼

X  

HIP0081AS1 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HIP0081AS1
Description  Quad Inverting Power Drivers with Serial Diagnostic Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0081AS1 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HIP0081AS1 Datasheet HTML 6Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 7Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 8Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 9Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 10Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 11Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 12Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 13Page - Renesas Technology Corp HIP0081AS1 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
HIP0080, HIP0081
FN3018 Rev 5.00
Page 10 of 14
November 2000
or:
Not all Integrated Circuit packages have a directly definable
case temperature because the heat is spread through the lead
frame to a PC Board which is the effective heat sink.
Calculation Example 1
For the HIP0081,
JC = 3oC/W and the worst case junction
temperature, as an application design solution, should not
exceed 150oC. For a given application, Equation 1 determines
the dissipation, PD.
Assume the package is mounted to a heat sink having a
thermal resistance of
6oC/W and, for a given application,
assume the dissipation is 3W and the ambient temperature
(TA) is 100oC. From Equation 4, JA is 9oC/W. The solution for
junction temperature (TC) by Equation 3 is:
TJ = 100oC + 3W x 9oC/W = 127oC.
Calculation Example 2:
Assume for the HIP0080,
JA = 3oC/W mounted on a PC
Board with good heat sinking characteristics. Again, the worst
case junction temperature, as an application design solution,
should not exceed 150oC. Assume from the application, based
on Equation 1, the dissipation, PD = 1.5W. The maximum
junction temperature is known and can be used to determine
the maximum allowable ambient temperature from Equation
5A as follows:
TA = 150oC - 1.5W x 30oC/W = 105oC.
Equal Current Loading Solution
Many applications may have equal current loading in the
output drivers with equal saturated turn ON and temperature
conditions. As such, a convenient method to show rating
boundaries is to substitute the dissipation Equation 2 into the
junction temperature Equation 3. For m outputs that are ON
and conducting with equal currents, where I=I1=I2.....=Im,
we have the following solution for dissipation:
The number of output drivers ON and conducting (m) may be
from 1 to n. (i.e., For all four output drivers of the HIP0081 ON,
m = 4.) Maximum temperature, dissipation and current ratings
must be observed. For a defined number of conducting Power
MOS Output Drivers, we can plot the results for m devices
showing I vs TC.
Given the HIP0081 as an example, Figures 6 and Figure 7
illustrate the boundaries for temperature and current. Figure 6
shows the maximum current for a single output ON while
Figure 7 shows the maximum current for all four outputs ON
with equal current plotted versus Case Temperature, TC.
Boundary conditions relate to the Absolute Maximum Ratings
as defined in the Data Sheet.
(EQ. 5A)
TA
TJ PD JA
–
=
(EQ. 6)
PD
mPk
mI
2
rDS ON

==
I
TJ TC
–
m
JC
rDS ON

--------------------------------------------------
=
(EQ. 7)
FIGURE 6. HIP0081 MAXIMUM SINGLE OUTPUT CURRENT vs CASE (TAB) TEMPERATURE
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CASE (HEAT SINK TAB) TEMPERATURE (oC)
(1)
(2)
CURVE (1): rDS(ON) = 1
CURVE (2): rDS(ON) = 0.5
THERMAL RESISTANCE,
JC = 3oC/W
MAX. +IOUT(DC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com