Electronic Components Datasheet Search
  English  ▼

X  

HIP0082AS2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HIP0082AS2
Description  Quad Power Drivers with Serial Diagnostic Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP0082AS2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HIP0082AS2 Datasheet HTML 3Page - Renesas Technology Corp HIP0082AS2 Datasheet HTML 4Page - Renesas Technology Corp HIP0082AS2 Datasheet HTML 5Page - Renesas Technology Corp HIP0082AS2 Datasheet HTML 6Page - Renesas Technology Corp HIP0082AS2 Datasheet HTML 7Page - Renesas Technology Corp HIP0082AS2 Datasheet HTML 8Page - Renesas Technology Corp HIP0082AS2 Datasheet HTML 9Page - Renesas Technology Corp HIP0082AS2 Datasheet HTML 10Page - Renesas Technology Corp HIP0082AS2 Datasheet HTML 11Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HIP0082, HIP0084
FN3643 Rev 4.00
Page 8 of 11
May 1998
There is no need in normal operation to read the Direct Com-
parator output bits, except to directly read the fault state when
CS goes low or to cross-check on the filtered OL and SG fault
data. If the Direct Comparator data is ignored, then only 16 bits
of SPI data is read. In this case the last 3 bits in the 16 bit
sequence is the first 3 bits of Direct Comparator data which
can be ignored.
Data read from a SPI interface starts with the first clock pulse.
The CS and R/W inputs cannot be changed while reading data
from the shift register. And, as noted, an internal low on the
shift register input causes low data bits to follow the 21 bits of
diagnostic data.
While the Write/Store operation calls for 6 bits of data, a SPI
write will output 8 bits. The first 2 bits transmitted should be
dummy bits. The 3-bit is the Test bit which should be low for
normal operation. The Test bit is used to facilitate testing in the
manufacturing process and is not recommended for other use.
The 6 programmable bits are described in the section on Diag-
nostic Write Operation.
Pin Descriptions
VCC and GND - 5V Supply and Ground connections. A charge
pump is used to boost the Power MOSFET gate drive. This
allows a single 5V supply to satisfy all logic and drive require-
ments.
OUT1 - OUT4 - Low-side output drivers with 0.62
 (OUT1 and
OUT2) or 0.57
 (OUT3 and OUT4) on resistance. The outputs
are provided with over current shutdown and over voltage
clamping. Additionally, open-load and short-to-ground detec-
tion is carried out when the outputs are ON.
IN1 - IN4 - Active-low CMOS logic inputs which control the out-
put stages OUT1 - OUT4. These inputs are provided with pull-
up resistors.
RST - Active-low logic-level reset input with internal pull-up
resistor.
CLK - Clock input for synchronous serial interface with internal
pull-up resistor. This input must be high when CS transitions
from high to low.
CS - Active-low chip select input for serial interface. This input
has an internal pull-up resistor.
R/W - Read/write control pin for serial interface. This input con-
trols whether the TXD pin is an input or output. This input has
an internal pull-up resistor.
TXD - Bidirectional data pin for serial interface. When R/W is
high diagnostic data can be read from HIP0082. When R/W is
low, 6 bits may be written to the internal program register.
FIGURE 2. SERIAL INTERFACE TIMING DIAGRAM
CLK
CS
R/W
TXD
fCLK
tCLKL
tCLKH
ZZZZZ
ZZ
tCSLDV
tRWLCLK
tCSLCLK
tRWLDZ
tDVCLKL
tRWHDV
tpCLKD
tRWHCLK
tCSHDZ
tCLKCSH
ZZ = HIGH IMPEDANCE
FIGURE 3. SERIAL INTERFACE WRITE OPERATION
CS
R/W
TXD
ZZZZ
FSB
T
d_OL1 Td_OL2
T
d_OL3
T
d_OL4
TEST
ISC
ZZZZ
CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com