Electronic Components Datasheet Search
  English  ▼

X  

HIP6304 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HIP6304
Description  Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6304 Datasheet(HTML) 4 Page - Renesas Technology Corp

  HIP6304 Datasheet HTML 1Page - Renesas Technology Corp HIP6304 Datasheet HTML 2Page - Renesas Technology Corp HIP6304 Datasheet HTML 3Page - Renesas Technology Corp HIP6304 Datasheet HTML 4Page - Renesas Technology Corp HIP6304 Datasheet HTML 5Page - Renesas Technology Corp HIP6304 Datasheet HTML 6Page - Renesas Technology Corp HIP6304 Datasheet HTML 7Page - Renesas Technology Corp HIP6304 Datasheet HTML 8Page - Renesas Technology Corp HIP6304 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HIP6304
FN4840 Rev 0.00
Page 4 of 14
March 2000
Functional Pin Description
VID3 (Pin 1), VID2 (Pin 2), VID1 (Pin 3) and VID0
(Pin 4)
Voltage Identification inputs from microprocessor. These pins
respond to TTL and 3.3V logic signals. The HIP6304 decodes
VID bits to establish the output voltage. See Table 1.
EN (Pin 5)
Enable pin normal operation is with input open or high. A low
input disables the regulator and three states the PWM outputs.
COMP (Pin 6)
Output of the internal error amplifier. Connect this pin to the
external feedback and compensation network.
FB (Pin 7)
Inverting input of the internal error amplifier.
FS/DIS (Pin 8)
Channel frequency, FSW, select and disable. A resistor from
this pin to ground sets the switching frequency of the
converter. Pulling this pin to ground disables the converter
and three states the PWM outputs. See Figure 10.
GND (Pin 9)
Bias and reference ground. All signals are referenced to this
pin.
VSEN (Pin 10)
Power good monitor input. Connect to the microprocessor-
CORE voltage.
ISEN2 (Pin 11) and ISEN1 (Pin 14)
Current sense inputs from the individual converter channel’s
phase nodes.
PWM2 (Pin 12) and PWM1 (Pin 13)
PWM outputs for each driven channel in use. Connect these
pins to the PWM input of a HIP6601/2/3 driver.
PGOOD (Pin 15)
Power good. This pin provides a logic-high signal when the
microprocessor CORE voltage (VSEN pin) is within specified
limits and Soft-Start has timed out.
VCC (Pin 16)
Bias supply. Connect this pin to a 5V supply.
FIGURE 1. SIMPLIFIED BLOCK DIAGRAM OF THE HIP6304 VOLTAGE AND CURRENT CONTROL LOOPS FOR A TWO POWER
CHANNEL REGULATOR
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
+
RISEN1
+
CORRECTION
ERROR
AMPLIFIER
FB
REFERENCE
ISEN1
RIN
VCORE
Q3
Q4
L02
PHASE
PWM1
IL2
DAC
HIP6304
COUT
RLOAD
VIN
HIP6601
-
Q1
Q2
L01
PHASE
IL1
VIN
HIP6601
CURRENT
SENSING
COMPARATOR
PWM
CIRCUIT
CORRECTION
PWM2
-
I AVERAGE
+
+
+
-
PROGRAMMABLE
RISEN2
ISEN2
-
-
-
-
+
+
CURRENT
AVERAGING
VID3
VID2
VID1
VID0
EN
FS/DIS
VSEN
PGOOD
PWM1
PWM2
VCC
FB
ISEN1
COMP
ISEN2
GND
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com