Electronic Components Datasheet Search
  English  ▼

X  

HIP6500B Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HIP6500B
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6500B Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HIP6500B Datasheet HTML 18Page - Renesas Technology Corp HIP6500B Datasheet HTML 19Page - Renesas Technology Corp HIP6500B Datasheet HTML 20Page - Renesas Technology Corp HIP6500B Datasheet HTML 21Page - Renesas Technology Corp HIP6500B Datasheet HTML 22Page - Renesas Technology Corp HIP6500B Datasheet HTML 23Page - Renesas Technology Corp HIP6500B Datasheet HTML 24Page - Renesas Technology Corp HIP6500B Datasheet HTML 25Page - Renesas Technology Corp HIP6500B Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
HIP6500B
FN4870 Rev 0.00
Page 7 of 15
May 2000
3V3SB (Pin 3)
This pin is the output of the internal 3.3VSB regulator (VOUT1).
This internal regulator operates continuously for as long as the
5VSB bias voltage is applied to the HIP6500B. This pin is
monitored for under-voltage events.
VCLK (Pin 6)
This pin is the output of the internal 2.5V clock chip regulator
(VOUT4). This internal regulator operates only in active states
(S0, S1) and is shut off during any sleep state, regardless of
the configuration of the chip. This pin is monitored for under-
voltage events.
Description
Operation
The HIP6500B controls 5 output voltages (Refer to Figures 1,
2, and 3). It is designed for microprocessor computer
applications with 3.3V, 5V, 5VSB, and 12V bias input from an
ATX power supply. The IC is composed of two linear
controllers supplying the PCI slots’ 3.3VAUX power (VOUT3)
and the 2.5V RDRAM or 3.3V SDRAM memory power
(VOUT2), two linear regulators providing an always-present
3.3VSB (VOUT1), and a dedicated 2.5V clock chip supply
(VOUT4), a dual switch controller supplying the 5VDUAL
voltage (VOUT5), as well as all the control and monitoring
functions necessary for complete ACPI implementation.
Initialization
The HIP6500B automatically initializes upon receipt of input
power. The Power-On Reset (POR) function continually
monitors the 5VSB input supply voltage, initiating 3.3VSB soft-
start operation after exceeding POR threshold. At 3ms
(typically) after 3.3VSB finishes its ramp-up, the ENxVDL
status and the memory voltage (VMEM) setting are latched in
and the chip proceeds to ramp up the remainder of the
voltages, as required.
Operational Truth Tables
The EN3VDL and EN5VDL pins offer a choice of 4
configurations in terms of the overall system architecture and
supported features. Tables 1-3 describe the truth combinations
pertaining to each of the three outputs.
As seen in Table 1, EN3VDL simply controls whether the
3.3VDUAL plane remains powered up during S4/S5 sleep
state.
Very similarly, Table 2 details the fact that EN5VDL status
controls whether the 5VDUAL plane supports the S3-S5 sleep
states.
As seen in Table 3, 2.5/3.3VMEM output is maintained in S3
(suspend to RAM) sleep state only. The dual-voltage support
accommodates both SDRAM as well as RDRAM type
memories.
Not shown in any of the tables are the 3.3VSB and the 2.5VCLK
outputs. The 3.3VSB output powers up as soon as the 5VSB
ATX output is available. The 2.5VCLK output operation is
restricted by the chip’s POR and is only available in active
state (S0, S1). For additional information, see the soft-start
sequence diagrams.
Additionally, the internal circuitry does not allow the transition
from an S3 (suspend to RAM) state to an S4/S5 (suspend to
disk/soft off) state or vice versa. The only ‘legal’ transitions are
from an active state (S0, S1) to a sleep state (S3, S5) and vice
versa.
TABLE 1. 3.3VDUAL OUTPUT (VOUT3) TRUTH TABLE
EN3VDL
S5
S3
3V3DL
COMMENTS
0
1
1
3.3V
S0, S1 States (Active)
01
0
3.3V
S3
0
0
1
Note
Maintains Previous State
00
0
3.3V
S4/S5
1
1
1
3.3V
S0, S1 States (Active)
11
0
3.3V
S3
1
0
1
Note
Maintains Previous State
10
0
0V
S4/S5
NOTE: Combination Not Allowed.
TABLE 2. 5VDUAL OUTPUT (VOUT5) TRUTH TABLE
EN5VDL
S5
S3
5VDL
COMMENTS
0
1
1
5V
S0, S1 States (Active)
01
0
0V
S3
0
0
1
Note
Maintains Previous State
00
0
0V
S4/S5
1
1
1
5V
S0, S1 States (Active)
11
0
5V
S3
1
0
1
Note
Maintains Previous State
10
0
5V
S4/S5
NOTE: Combination Not Allowed.
TABLE 3. 2.5/3.3VMEM OUTPUT (VOUT2) TRUTH TABLE
RSEL
S5
S3
2.5/3.3VMEM
COMMENTS
1k
1
1
2.5V
S0, S1 States (Active)
1k
1
0
2.5V
S3
1k
0
1
Note
Maintains Previous State
1k
00
0V
S5
10k
1
1
3.3V
S0, S1 States (Active)
10k
1
0
3.3V
S3
10k
0
1
Note
Maintains Previous State
10k
00
0V
S5
NOTE: Combination Not Allowed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com