Electronic Components Datasheet Search
  English  ▼

X  

HIP6502BCB Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HIP6502BCB
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6502BCB Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HIP6502BCB Datasheet HTML 5Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 6Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 7Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 8Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 9Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 10Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 11Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 12Page - Renesas Technology Corp HIP6502BCB Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
HIP6502B
FN4871 Rev.0.00
Page 9 of 14
May 2000
SOFT-START INTO ACTIVE STATES (S0, S1)
If both S3 and S5 are logic high at the time the 5VSB is
applied, the HIP6502B will assume active state wake-up and
keep off the controlled external transistors and the VCLK
output until some time (typically 25ms) after the ATX’s main
outputs used by the application (3.3V, 5V, and 12V) exceed the
set thresholds. This time-out feature is necessary in order to
insure the main ATX outputs are stabilized. The time-out also
assures smooth transitions from sleep into active when sleep
states are being supported. 3.3VDUAL/3.3VSB output, whose
operation is only dependent on 5VSB presence, will come up
right as bias voltage reaches POR level.
During sleep to active state transitions from conditions where
the outputs are initially 0V (such as S5 to S0 transition on the
5VDUAL output with EN5VDL = 0, or simple power-up
sequence directly into active state), the 3.3VMEM and 5VDUAL
outputs go through a quasi soft-start by being pulled high
through the body diodes of the N-Channel MOSFETs
connected between these outputs and the 3.3V and 5V ATX
outputs. Figure 8 shows this start-up.
5VSB is already present when the main ATX outputs are
turned on at time T0. As a result of +3.3VIN and +5VIN ramping
up, the 3.3VMEM and 5VDUAL output capacitors charge up
through the body diodes of Q6 and Q5, respectively (see
Figure 3). At time T1, all main ATX outputs exceed the
HIP6502B’s undervoltage thresholds, and the internal 25ms
(typical) timer is initiated. At T2 the time-out initiates a soft-
start, and the 2.5V memory and clock outputs are ramped-up,
reaching regulation limits at time T3. Simultaneous with the
beginning of the memory and clock voltage ramp-up, at time
T2, the DLA pin is pulled high, turning on Q3, Q5, and Q6 in
the process, and bringing the 3.3VMEM and 5VDUAL outputs in
regulation. Shortly after time T3, as the SS voltage reaches
2.75V, the soft-start capacitor is quickly discharged down to
approximately 2.45V, where it remains until a valid sleep state
request is received from the system.
It is important to note that in the typical application (as pictured
in Figure 3) the 3.3V memory output is powered up during
active state operation, regardless of the MSEL pin status.
Sleep state support on this output is, however, dependent on
the MSEL status.
Fault Protection
All the outputs are monitored against undervoltage events. A
severe overcurrent caused by a failed load on any of the
outputs, would, in turn, cause that specific output to suddenly
drop. If any of the output voltages drop below 80% (typical) of
their set value, such event is reported by having the FAULT pin
pulled to 5V. Additionally, exceeding the maximum current
rating of an integrated regulator (output with pass regulator on
chip) can lead to output voltage drooping; if excessive, this
droop can ultimately trip the under-voltage detector and send a
FAULT signal to the computer system.
A FAULT condition occurring on an output when controlled
through an external pass transistor will only set off the FAULT
flag, and it will not shut off or latch off any part of the circuit. A
FAULT condition occurring on an output when controlled
through an internal pass transistor, will set off the FAULT flag,
and it will shut off the faulting regulator only. If shutdown or
latch off of the entire circuit is desired in case of a fault,
regardless of the cause, this can be achieved by externally
pulling or latching the SS pin low. Pulling the SS pin low will
also force the FAULT pin to go low and reset an internally
latched-off output.
Special consideration is given to the initial start-up sequence.
If, following a 5VSB POR event, the 3.3VDUAL/3.3VSB output
is ramped up and is subject to an undervoltage event before
the remainder of the controlled voltages have been brought up,
then the FAULT output goes high and the entire IC latches off.
Latch-off condition can be reset by cycling the bias power
(5VSB). Undervoltage events on the 3.3VDUAL/3.3VSB output
at any other times are handled according to the description
found in the second paragraph under the current heading.
Another condition that could set off the FAULT flag is chip over-
temperature. If the HIP6502B reaches an internal temperature
of 140oC (typical), the FAULT flag is set off, but the chip
continues to operate until the temperature reaches 155oC
(typical), when unconditional shutdown of all outputs takes
place. Operation resumes at 140oC and the temperature
cycling occurs until the fault-causing condition is removed.
In HIP6502B applications, loss of any one active ATX output
(3.3VIN, 5VIN, or 12VIN; as detected by the on-board voltage
FIGURE 8. SOFT-START INTERVAL IN ACTIVE STATE
(2.5/3.3VMEM OUTPUT SHOWN IN 2.5V SETTING)
0V
0V
TIME
OUTPUT
(1V/DIV)
VOLTAGES
T1
T2
T3
T0
INPUT VOLTAGES
(2V/DIV)
+5VIN
+12VIN
+5VSB
VOUT2, 4
VOUT3 (3.3VMEM)
VOUT1 (3.3VDUAL/3.3VSB)
VOUT5 (5VDUAL)
DLA PIN
(2V/DIV)
SOFT-START
(1V/DIV)
(2.5VMEM, 2.5VCLK)
+3.3VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com