Electronic Components Datasheet Search
  English  ▼

X  

HIP6502BEVAL1 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HIP6502BEVAL1
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP6502BEVAL1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HIP6502BEVAL1 Datasheet HTML 1Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 2Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 3Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 4Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 5Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 6Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 7Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 8Page - Renesas Technology Corp HIP6502BEVAL1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN4871 Rev.0.00
Page 1 of 14
May 2000
FN4871
Rev.0.00
May 2000
HIP6502B
Multiple Linear Power Controller with ACPI Control Interface
DATASHEET
The HIP6502B complements either an HIP6020 or an
HIP6021 in ACPI-compliant designs for microprocessor and
computer applications. The IC integrates four linear
controllers/regulators, switching, monitoring and control
functions into a 20-pin SOIC package. One linear controller
generates the 3.3VDUAL/3.3VSB voltage plane from the ATX
supply’s 5VSB output, powering the south bridge and the
PCI slots through an external pass transistor during sleep
states (S3, S4/S5). A second transistor is used to switch in
the ATX 3.3V output for operation during S0 and S1/S2
(active) operating states. Two linear controllers/regulators
supply at choice either or both of the computer system’s
2.5V or 3.3V memory power through external pass
transistors in active states. During sleep states, integrated
pass transistors supply the sleep power. Another controller
powers up the 5VDUAL plane by switching in the ATX 5V
output in active states, and the ATX 5VSB in sleep states.
One internal regulator outputs a dedicated, noise-free 2.5V
clock chip supply. The HIP6502B’s operating mode (active
outputs or sleep outputs) is selectable through two digital
control pins, S3 and S5. Enabling sleep state support on the
5VDUAL output is offered through the EN5VDL pin. In active
state, the 3.3VDUAL and 3.3VMEM linear regulators use
external N-channel pass MOSFETs to connect the outputs
directly to the 3.3V input supplied by an ATX (or equivalent)
power supply, for minimal losses. In sleep state, power
delivery on both outputs is transferred to NPN transistors -
external to the controller on the 3.3VDUAL, internal on the
3.3VMEM. Active state regulation on the 2.5VMEM output is
performed through an external NPN transistor. In sleep
state, conduction on this output is transferred to an internal
pass transistor. The 5VDUAL output is powered through two
external MOS transistors. In sleep states, a PMOS (or PNP)
transistor conducts the current from the ATX 5VSB output;
while in active state, current flow is transferred to an NMOS
transistor connected to the ATX 5V output. The operation of
the 5VDUAL output is dictated not only by the status of the
S3 and S5 pins, but that of the EN5VDL pin as well. The
3.3VDUAL/3.3VSB output is active for as long as the ATX
5VSB voltage is applied to the chip. The 2.5VCLK output is
only active during S0 and S1/S2, and uses the 3V3 pin as
input source for its internal pass element.
Features
• Provides 5 ACPI-Controlled Voltages
-5VDUAL USB/Keyboard/Mouse (Active/Sleep)
-3.3VDUAL/3.3VSB PCI/Auxiliary/LAN (Active/Sleep)
-2.5VMEM RDRAM (Active/Sleep)
-3.3VMEM SDRAM (Active/Sleep)
-2.5VCLK Clock/Processor Terminations (Active Only)
• Excellent Output Voltage Regulation
-3.3VDUAL/3.3VSB Output: 2.0% Over Temperature;
Sleep State Only
-2.5VMEM and 3.3VMEM Output: 2.0% Over
Temperature; Both Operational States (3.3VMEM in
Sleep Only)
-2.5VCLK Output: 2.0% Over Temperature
• Small Size
- Very Low External Component Count
• Dual Memory Voltage Support Via MSEL Pin
- 2.5V for RDRAM Memory
- 3.3V for SDRAM Memory
- Both 2.5V and 3.3V for Flexible Systems
• Under-Voltage Monitoring of All Outputs with Centralized
FAULT Reporting and Temperature Shutdown
Applications
• Motherboard Power Regulation for ACPI-Compliant
Computers
Pinout
HIP6502B
(SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HIP6502BCB
0 to 70
20 Ld SOIC
M20.3
HIP6502BEVAL1
Evaluation Board
14
15
16
17
18
19
20
7
6
5
4
3
2
1
5VSB
VSEN1
VCLK
3V3DLSB
3V3DL
VSEN2
MSEL
5V
5VDLSB
12V
DLA
SS
3V3
DRV2
EN5VDL
5VDL
13
8
11
12
10
9
S3
S5
FAULT
GND


Similar Part No. - HIP6502BEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6502BEVAL1 INTERSIL-HIP6502BEVAL1 Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
More results

Similar Description - HIP6502BEVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6500 INTERSIL-HIP6500 Datasheet
155Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
1999 12
HIP6500B INTERSIL-HIP6500B Datasheet
156Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
HIP6502B INTERSIL-HIP6502B Datasheet
149Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
2000 05
ISL6504 INTERSIL-ISL6504 Datasheet
409Kb / 16P
Multiple Linear Power Controller with ACPI Control Interface
April 13, 2004
HIP6500 INTERSIL-HIP6500_00 Datasheet
794Kb / 15P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
HIP6502 INTERSIL-HIP6502_00 Datasheet
771Kb / 14P
Multiple Linear Power Controller with ACPI Control Interface
July 2000
logo
Renesas Technology Corp
ISL6504 RENESAS-ISL6504 Datasheet
900Kb / 17P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506BI RENESAS-ISL6506BI Datasheet
509Kb / 8P
Multiple Linear Power Controller with ACPI Control Interface
ISL6506A RENESAS-ISL6506A_V01 Datasheet
525Kb / 10P
Multiple Linear Power Controller with ACPI Control Interface
Aug 8, 2019
HIP6500B RENESAS-HIP6500B Datasheet
1Mb / 30P
Multiple Linear Power Controller with ACPI Control Interface
May 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com