Electronic Components Datasheet Search
  English  ▼

X  

ICS1493-17 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS1493-17
Description  CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS ICS1493-17
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS1493-17 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS1493-17 Datasheet HTML 5Page - Renesas Technology Corp ICS1493-17 Datasheet HTML 6Page - Renesas Technology Corp ICS1493-17 Datasheet HTML 7Page - Renesas Technology Corp ICS1493-17 Datasheet HTML 8Page - Renesas Technology Corp ICS1493-17 Datasheet HTML 9Page - Renesas Technology Corp ICS1493-17 Datasheet HTML 10Page - Renesas Technology Corp ICS1493-17 Datasheet HTML 11Page - Renesas Technology Corp ICS1493-17 Datasheet HTML 12Page - Renesas Technology Corp ICS1493-17 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ICS1493-17
CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS
SYNTHESIZERS
IDT™ / ICS™ CLOCK SYNTHESIZER FOR PORTABLE SYSTEMS
10
ICS1493-17
REV A 101005
Thermal Characteristics
Marking Diagram
Notes:
1. ###### is the lot code.
2. YYWW is the last two digits of the year and the week number that the part was assembled.
3. “L” denotes Pb (lead) free package.
4. Bottom marking: (origin). Origin = country of origin if not USA.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
39
°C/W
θ
JA
1 m/s air flow
36
°C/W
θ
JA
2.5 m/s air flow
34
°C/W
1
6
11
16
93K17L
######
YYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com