Electronic Components Datasheet Search
  English  ▼

X  

ICS841664I Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS841664I
Description  FemtoClock® Crystal-to-HCSL Clock Generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS841664I Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS841664I Datasheet HTML 1Page - Renesas Technology Corp ICS841664I Datasheet HTML 2Page - Renesas Technology Corp ICS841664I Datasheet HTML 3Page - Renesas Technology Corp ICS841664I Datasheet HTML 4Page - Renesas Technology Corp ICS841664I Datasheet HTML 5Page - Renesas Technology Corp ICS841664I Datasheet HTML 6Page - Renesas Technology Corp ICS841664I Datasheet HTML 7Page - Renesas Technology Corp ICS841664I Datasheet HTML 8Page - Renesas Technology Corp ICS841664I Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DATA SHEET
ICS841664AGI REVISION A JULY 15, 2013
1
©2013 Integrated Device Technology, Inc.
FemtoClock® Crystal-to-HCSL
Clock Generator
ICS841664I
0
1
1
0
÷
÷NA
÷NB
OSC
FemtoClock
PLL
VCO = 625MHz
M = 25
fref
XTAL_IN
25MHz
XTAL_OUT
REF_IN
REF_SEL
IREF
BYPASS
FSEL[0:1]
MR/nOE
nREF_OE
QB0
nQB0
QB1
nQB1
QA0
nQA0
QA1
nQA1
REF_OUT
Pulldown
Pulldown
Pulldown
Pulldown
Pulldown
Pullup
1
2
3
4
5
6
7
nREF_OE
REF_OUT
GND
BYPASS
8
9
10
11
12
13
14
QA
VDDA
VDD
nQA
GND
QA
REF_IN
V DDOA
REF_ SEL
XTAL _IN
XTAL_OUT
28
27
26
25
24
23
22
21
20
19
18
17
16
15
IREF
FSEL
QB
GND
MR/nOE
FSEL
nQB
V DDOB
V DD
GND
1
nQA1
QB1
nQB1
00
0
0
0
1
General Description
The ICS841664I is an optimized sRIO clock generator and a
member of the family of high-performance clock solutions from IDT.
The device uses a 25MHz parallel crystal to generate 125MHz and
156.25MHz clock signals, replacing solution requiring multiple
oscillator and fanout buffer solutions. The device has excellent phase
jitter (<1ps RMS) suitable to clock components requiring precise and
low-jitter sRIO clock signals. Designed for telecom, networking and
industrial application, the ICS841664I can also drive the high-speed
sRIO SerDes clock inputs of communication processors, DSPs,
switches and bridges.
Features
• Four differential HCSL clock outputs: configurable for sRIO
(125MHz or 156.25MHz) clock signals
One REF_OUT LVCMOS/LVTTL clock output
• Selectable crystal oscillator interface, 25MHz, 18pF parallel
resonant crystal or LVCMOS/LVTTL single-ended reference clock
input or LVCMOS/LVTTL single-ended input
• Supports the following output frequencies: 125MHz or 156.25MHz
• VCO: 625MHz
• Supports PLL bypass and output enable functions
• RMS phase jitter, using a 25MHz crystal (1.875MHz - 20MHz):
0.45ps (typical) @ 125MHz
• Full 3.3V power supply mode
• -40°C to 85°C ambient operating temperature
• Lead-free (RoHS 6) packaging
ICS841664I
28-Lead TSSOP
6.1mm x 9.7mm x 0.925mm
package body
G Package
Top View
Pin Assignment
Block Diagram


Similar Part No. - ICS841664I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664I IDT-ICS841664I Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
More results

Similar Description - ICS841664I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS841664I IDT-ICS841664I Datasheet
312Kb / 16P
FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
ICS841664AGILFT IDT-ICS841664AGILFT Datasheet
311Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
841608 IDT-841608 Datasheet
619Kb / 23P
FemtoClock Crystal-to-HCSL Clock Generator
ICS841664I IDT-ICS841664I_13 Datasheet
374Kb / 19P
FemtoClock Crystal-to-HCSL Clock Generator
logo
Renesas Technology Corp
841604 RENESAS-841604 Datasheet
612Kb / 18P
FemtoClock® NG Crystal-to-HCSL Clock Generator
4/17/15
841608 RENESAS-841608 Datasheet
1Mb / 20P
FemtoClock® Crystal-to-HCSL Clock Generator
January 31, 2023
IDT8V41N004I RENESAS-IDT8V41N004I Datasheet
1Mb / 27P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
841654 RENESAS-841654 Datasheet
492Kb / 19P
FemtoClock® NG Crystal-to-HCSL Clock Generator
2019
ICS841402I RENESAS-ICS841402I Datasheet
915Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
ICS841484I RENESAS-ICS841484I Datasheet
1,022Kb / 28P
FemtoClock® Crystal-to-0.7V Differential HCSL Clock Generator
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com