Electronic Components Datasheet Search
  English  ▼

X  

841S012DI Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # 841S012DI
Description  Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

841S012DI Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button 841S012DI Datasheet HTML 13Page - Renesas Technology Corp 841S012DI Datasheet HTML 14Page - Renesas Technology Corp 841S012DI Datasheet HTML 15Page - Renesas Technology Corp 841S012DI Datasheet HTML 16Page - Renesas Technology Corp 841S012DI Datasheet HTML 17Page - Renesas Technology Corp 841S012DI Datasheet HTML 18Page - Renesas Technology Corp 841S012DI Datasheet HTML 19Page - Renesas Technology Corp 841S012DI Datasheet HTML 20Page - Renesas Technology Corp 841S012DI Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
841S012DI Datasheet
©2016 Integrated Device Technology, Inc
January 4, 2016
17
TABLE 7. THERMAL RESISTANCE
θ
JA
FOR
56 LEAD VFQFN, FORCED CONVECTION
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad and directly affects the reliability of
the device. The maximum recommended junction temperature for HiPerClockS
TM devices is 125°C.
The equation for Tj is as follows: Tj =
θJA * Pd_total + TA
Tj = Junction Temperature
θJA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θJAmust be used. Assuming 1
meter per second air flow and a multi-layer board, the appropriate value is 27.5°C/W per Table 7.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 1.396W * 27.5°C/W = 123.4°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow,
and the type of board (multi-layer).
θ
JA
by Velocity (Meters per second)
0
1
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
31.4°C/W
27.5°C/W
24.6°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com